Electronic Components Datasheet Search
  English  ▼

X  

ASTMK Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASTMK
Description  Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTMK Datasheet(HTML) 2 Page - Abracon Corporation

  ASTMK Datasheet HTML 1Page - Abracon Corporation ASTMK Datasheet HTML 2Page - Abracon Corporation ASTMK Datasheet HTML 3Page - Abracon Corporation ASTMK Datasheet HTML 4Page - Abracon Corporation ASTMK Datasheet HTML 5Page - Abracon Corporation ASTMK Datasheet HTML 6Page - Abracon Corporation ASTMK Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Revised: 06.17.2017
LLC
ASTMK
(Continued)
Note:
1. Measured peak-to-peak. Tested with Agilent 53132A frequency counter. Due to the low operating frequency, the gate time
must be ≥100ms to ensure an accurate frequency measurement.
2. Stability is specified for two operating voltage ranges. Stability progressively degrades with supply voltage below 1.5V.
Measured peak-to-peak. Inclusive of initial tolerance at +25°C, and variations over operating temperature, rated power
supply voltage and load.
3. Core operating current does not include output driver operating current or load current. To derive total operating current (no
load), add core operating current + output driver operating current, where output driver operating current = Cdriver*Vout*Fout.
4. Measured from the time Vdd reaches 1.5V.
5. Board-level underfill (BLUF) is not recommended for 1508 CSP package as it will cause a shift in the frequency tolerance.
6. NanoDriveTM is a SiTime trademark.
Absolute Maximum Ratings
Parameters
Min
Typ
Max
Unit
Notes
DC-biased Programmable Output
Voltage High Range (VOH)
0.60 to
1.225
V
Vdd:1.5-3.63V. IOH =-0.2µA.10pF
load. See Part Identification section
for available VOH/ VOL levels.
DC-biased Programmable Output
Voltage Low Range (VOL)
0.35 to
0.80
V
Vdd:1.5-3.63V. IOL =0.2µA.10pF
load. See Part Identification section
for available VOH/ VOL levels.
Programmable Output Voltage Swing
Tolerance
-0.055
+0.055
V
TA= -40°C to +85°C, Vdd:1.5-3.63V
Attempted operation outside the absolute maximum ratings may cause permanent damage to the part. Actual
performance of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameters
Test Condition
Value
Unit
Continuous Power Supply Voltage Range (Vdd
V
3
6
.
3
o
t
5
.
0
-
)
Short Duration Max. Power Supply Voltage (Vdd)
≤30 minutes
4.0
V
Continuous Maximum Operating Temperature Range
Vdd:1.5-3.63V
105
°C
Short Duration Max. Operating Temperature Range
Vdd:1.5-3.63V, ≤30 minutes
125
°C
Human Body Model (HBM) ESD Protection
JESD22-A114
3000
V
Charge-Device Model (CDM) ESD Protection
JESD22-C101
750
V
V
0
0
3
5
1
1
A
-
2
2
D
S
E
J
n
o
it
c
e
t
o
r
P
D
S
E
)
M
M
(
l
e
d
o
M
e
n
i
h
c
a
M
t
n
a
il
p
m
o
C
8
7
D
S
E
J
e
c
n
a
r
e
l
o
T
p
u
-
h
c
t
a
L
g
0
0
0
0
1
2
0
0
2
d
o
h
t
e
M
,
3
8
8
li
M
e
c
n
a
t
s
i
s
e
R
k
c
o
h
S
l
a
c
i
n
a
h
c
e
M
g
0
7
7
0
0
2
d
o
h
t
e
M
,
3
8
8
li
M
e
c
n
a
t
s
i
s
e
R
n
o
it
a
r
b
i
V
l
a
c
i
n
a
h
c
e
M
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
D
M
S
2
1
0
2
°C
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
P
S
C
8
0
5
1
°C
0
5
1
+
o
t
5
6
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
°C
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
SMD: 2.0 x 1.2 x 0.60mm
CSP: 1.54 x 0.84 x 0.60mm
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sales please visit:
www.abracon.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com