Electronic Components Datasheet Search
  English  ▼

X  

VDP3134Y Datasheet(PDF) 32 Page - Micronas

Part # VDP3134Y
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3134Y Datasheet(HTML) 32 Page - Micronas

Back Button VDP3134Y Datasheet HTML 28Page - Micronas VDP3134Y Datasheet HTML 29Page - Micronas VDP3134Y Datasheet HTML 30Page - Micronas VDP3134Y Datasheet HTML 31Page - Micronas VDP3134Y Datasheet HTML 32Page - Micronas VDP3134Y Datasheet HTML 33Page - Micronas VDP3134Y Datasheet HTML 34Page - Micronas VDP3134Y Datasheet HTML 35Page - Micronas VDP3134Y Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
32
Micronas
Table 2–5: I2C control and status registers of the video backend
(Registers are set to ’0’ at reset, default values are recommendations)
I2C Sub
address
Number
of bits
Mode
Function
Default
Name
(hex)
(hex)
Luminance Channel
61
9
w v
bit[5:0]
0..63/32
main contrast setting
32
CTM
65
9
w v
bit[5:0]
0..63/32
side contrast setting
32
CTS
51
9
w v
bit[8:0]
−256..255 main brightness setting
0
BRM
55
9
w v
bit[8:0]
−256..255 side brightness setting
0
BRS
7D
9
w v
bit[7]
0/1
enable/disable black level
expander
0BLE
59
9
w v
black level expander:
bit[3:0]
0..15
tilt coefficient
bit[8:4]
0...31
amount
8
12
BLE1
BTLT
BAM
5D
9
w v
black level expander:
bit[8:0]
0..511
disable expansion, threshold
value
200
BLE2
BTHR
73
9
w v
black level expander measurement
bit[7:0]
0..255
vstart
bit[8]
0/1
50/60 Hz measurement
windowlength
start line = vstart
stop line = 336/283
− vstart (or vertical sync)
0
15
BLE3
BWL
BVST
69
9
w v
luma peaking filter, the gain at high frequencies and
small signal amplitudes is: 1 + (k1+k2)/8
bit[3:0]
0..15
k1: peaking level undershoot
bit[7:4]
0..15
k2: peaking level overshoot
bit[8]
0/1
peaking value normal/inverted
(peaking/softening)
4
4
0
PK1
PKUN
PKOV
PKINV
6D
9
w v
luma peaking filter, coring
bit[4:0]
0..31
coring level
bit[7:5]
reserved
bit[8]
0/1
peaking filter center frequency
high/low
3
0
PK2
COR
PFS
41
9
w v
luma soft limiter, slope A and B
bit[3:0]
slope segment A
bit[7:4]
slope segment B
0
0
LSL1
LSLSA
LSLSB
45
9
w v
luma soft limiter, absolute limit
bit[7:0]
luma soft limiter absolute limit
(unsigned)
bit[8]
0/1
modulation off/on
255
1
LSL2
LSLAL
LSLM
4D
9
w v
bit[8:0]
luma soft limiter segment A tilt point
(unsigned)
250
LSLTA
49
9
w v
bit[8:0]
luma soft limiter segment B tilt point
(unsigned)
300
LSLTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com