Electronic Components Datasheet Search
  English  ▼

X  

LM1949M Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1949M
Description  LM1949 Injector Drive Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1949M Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1949M Datasheet HTML 1Page - National Semiconductor (TI) LM1949M Datasheet HTML 2Page - National Semiconductor (TI) LM1949M Datasheet HTML 3Page - National Semiconductor (TI) LM1949M Datasheet HTML 4Page - National Semiconductor (TI) LM1949M Datasheet HTML 5Page - National Semiconductor (TI) LM1949M Datasheet HTML 6Page - National Semiconductor (TI) LM1949M Datasheet HTML 7Page - National Semiconductor (TI) LM1949M Datasheet HTML 8Page - National Semiconductor (TI) LM1949M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Performance Characteristics (Continued)
Sense Input Hold Voltage
vs Junction Temperature
Normalized Timer Function
vs Junction Temperature
LM1949N Junction
Temperature Rise Above
Ambient vs Supply Voltage
TLH5062 – 5
Application Hints
The injector driver integrated circuits were designed to be
used in conjunction with an external controller The LM1949
derives its input signal from either a control oriented proces-
sor (COPSTM) microprocessor or some other system This
input signal in the form of a square wave with a variable
duty cycle andor variable frequency is applied to Pin 1 In
a typical system input frequency is proportional to engine
RPM Duty cycle is proportional to the engine load The cir-
cuits discussed are suitable for use in either open or closed
loop systems In closed loop systems the engine exhaust is
monitored and the air-to-fuel mixture is varied (via the duty
cycle) to maintain a perfect or stochiometric ratio
INJECTORS
Injectors and solenoids are available in a vast array of sizes
and characteristics Therefore it is necessary to be able to
design a drive system to suit each type of solenoid The
purpose of this section is to enable any system designer to
use and modify the LM1949 and associated circuitry to
meet the system specifications
Fuel injectors can usually be modeled by a simple RL circuit
Figure 3 shows such a model for a typical fuel injector In
actual operation the value of L1 will depend upon the status
of the solenoid In other words L1 will change depending
TLH5062 – 6
FIGURE 3 Model of a Typical Fuel Injector
upon whether the solenoid is open or closed This effect if
pronounced enough can be a valuable aid in determining
the current necessary to open a particular type of injector
The change in inductance manifests itself as a breakpoint in
the initial rise of solenoid current The waveforms on Page 2
at the sense input show this occurring at approximately 130
mV Thus the current necessary to overcome the constric-
tive forces of that particular injector is 13 amperes
PEAK AND HOLD CURRENTS
The peak and hold currents are determined by the value of
the sense resistor RS The driver IC when initiated by a
logic 1 signal at Pin 1 initially drives Darlington transistor Q1
into saturation The injector current will rise exponentially
from zero at a rate dependent upon L1 R1 the battery volt-
age and the saturation voltage of Q1 The drop across the
sense resistor is created by the solenoid current and when
this drop reaches the peak threshold level typically 385 mV
the IC is tripped from the peak state into the hold state The
IC now behaves more as an op amp and drives Q1 within a
closed loop system to maintain the hold reference voltage
typically 94 mV across RS Once the injector current drops
from the peak level to the hold level it remains there for the
duration of the input signal at Pin 1 This mode of operation
is preferable when working with solenoids since the current
required to overcome kinetic and constriction forces is often
a factor of four or more times the current necessary to hold
the injector open By holding the injector current at one
fourth of the peak current power dissipation in the sole-
noids and Q1 is reduced by at least the same factor
In the circuit of
Figure 1 it was known that the type of injec-
tor shown opens when the current exceeds 13 amps and
closes when the current then falls below 03 amps In order
to guarantee injector operation over the life and tempera-
ture range of the system a peak current of approximately 4
amps was chosen This led to a value of RS of 01X Divid-
ing the peak and hold thresholds by this factor gives peak
and hold currents through the solenoid of 385 amps and
094 amps respectively
Different types of solenoids may require different values of
current The sense resistor RS may be changed accordingly
An 8-amp peak injector would use RS equal to 05X etc
Note that for large currents above one amp IR drops within
the component leads or printed circuit board may create
substantial errors unless appropriate care is taken The
sense input and sense ground leads (Pins 4 and 5 respec-
tively) should be Kelvin connected to RS High current
should not be allowed to flow through any part of these
traces or connections An easy solution to this problem on
double-sided PC boards (without plated-through holes) is to
have the high current trace and sense trace attach to the
RS lead from opposite sides of the board
TIMER FUNCTION
The purpose of the timer function is to limit the power dissi-
pated by the injector or solenoid under certain conditions
Specifically when the battery voltage is low due to engine
cranking or just undercharged there may not be sufficient
voltage available for the injector to achieve the peak cur-
rent In the
Figure 2 waveforms under the low battery condi-
tion the injector current can be seen to be leveling out at 3
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com