Electronic Components Datasheet Search
  English  ▼

X  

VSC7132 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7132
Description  Link Replicator for Fibre Channel, Gigabit Ethernet and HDTV
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7132 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7132 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7132 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7132 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7132 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7132 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7132 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7132 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7132 Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
®
Preliminary Datasheet
VSC7132
Link Replicator for Fibre
Channel, Gigabit Ethernet and HDTV
Page 2
G52243-0, Rev 3.0
9/21/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800)-VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 1: Timing Waveforms
Table 1: AC Characteristics (Over recommended operating conditions)
Table 2: DC Characteristics (Over recommended operating conditions)
NOTE: (1) Refer to Application Note, AN-37, for differential measurement techniques.
Parameters
Description
Min
Typ
Max
Units
Conditions
F
Operating frequency range
1.0
1.5
Gb/s
T1
Flow-through propagation delay
7.0
ns
Delay from any input to any
output.
TR, TF
Serial data rise and fall time
—
300
ps
20% to 80%, tested on a
sample basis
TJ
Deterministic jitter added to serial
input
—
30
ps p-p
1.0 - 1.25 Gb/s. Measured on
K28.5+, K28.5- pattern
—
40
ps p-p
1.25 - 1.5 Gb/s. Measured on
K28.5+, K28.5- pattern
Parameters
Description
Min
Typ
Max
Units
Conditions
VIH(TTL)
Input HIGH voltage
2.0
—
5.5
V
VIL(TTL)
Input LOW voltage
0
—
0.8
V
IIH(TTL)
Input HIGH current
—
—
100
mA
VIN = 2.4 V
IIL(TTL)
Input LOW current
—
—
–100
mA
VIN = 0.5 V
VDD
Supply voltage
3.14
—
3.47
V
VDD = 3.30V + 5%
IDD
Supply current
—
—
150
mA
Outputs open, VDD = VDD
max
PD
Power dissipation
275
400
mW
Outputs open, VDD = VDD
max
DVIN
(1)
Receiver differential peak-to-peak
Input Sensitivity, IN, IN0, IN1
300
2600
mVp-p
AC-Coupled.
Internally biased at VDD/2
DVOUT50
(1)
Output differential peak-to-peak
voltage swing, OUT, OUT0, OUT1
1000
—
2200
mVp-p
50
Ω to V
DD – 2.0 V
DVOUT75
(1)
Output differential peak-to-peak
voltage swing, OUT, OUT0, OUT1
1200
2200
mVp-p
75
Ω to V
DD – 2.0 V
T1
T1
TJ
OUT+/-
OUT0+/-
OUT1+/-
IN+/-
IN0+/-
IN1+/-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com