Electronic Components Datasheet Search
  English  ▼

X  

3DD5024 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 3DD5024
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

3DD5024 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  3DD5024 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 3DD5024 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
1
isc & iscsemi is registered trademark
isc Silicon NPN Power Transistor
3DD5024
DESCRIPTION
·
High Breakdown Voltage-
: VCBO= 1500V (Min)
·
Wide Area of Safe Operation
·
Built-in Damper Diode
APPLICATIONS
·
Horizontal deflection output for TV, CRT monitor
applicaitions.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
1500
V
VCEO
Collector-Emitter Voltage
600
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current- Continuous
8
A
IB
Base Current- Continuous
4
A
ICP
Collector Current-Pulse
16
A
PC
Collector Power Dissipation
@ TC=25℃
35
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 3DD5024

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD5024 JSMC-3DD5024 Datasheet
433Kb / 5P
CASE-RATED BIPOLAR TRANSISTOR 3DD5308DHF FOR LOW FREQUENCY AMPLIFICATION
logo
Foshan Blue Rocket Elec...
3DD5024 FOSHAN-3DD5024 Datasheet
889Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
JILIN SINO-MICROELECTRO...
3DD5024-O-HF-N-B JSMC-3DD5024-O-HF-N-B Datasheet
433Kb / 5P
CASE-RATED BIPOLAR TRANSISTOR 3DD5308DHF FOR LOW FREQUENCY AMPLIFICATION
3DD5024A JSMC-3DD5024A Datasheet
149Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5024A FOR LOW FREQUENCY
3DD5024A-O-HF-N-B JSMC-3DD5024A-O-HF-N-B Datasheet
149Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5024A FOR LOW FREQUENCY
More results

Similar Description - 3DD5024

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com