Electronic Components Datasheet Search
  English  ▼

X  

LM1949N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1949N
Description  LM1949 Injector Drive Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1949N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1949N Datasheet HTML 1Page - National Semiconductor (TI) LM1949N Datasheet HTML 2Page - National Semiconductor (TI) LM1949N Datasheet HTML 3Page - National Semiconductor (TI) LM1949N Datasheet HTML 4Page - National Semiconductor (TI) LM1949N Datasheet HTML 5Page - National Semiconductor (TI) LM1949N Datasheet HTML 6Page - National Semiconductor (TI) LM1949N Datasheet HTML 7Page - National Semiconductor (TI) LM1949N Datasheet HTML 8Page - National Semiconductor (TI) LM1949N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH5062
February 1995
LM1949 Injector Drive Controller
General Description
The LM1949 linear integrated circuit serves as an excellent
control of fuel injector drive circuitry in modern automotive
systems The IC is designed to control an external power
NPN Darlington transistor that drives the high current injec-
tor solenoid The current required to open a solenoid is sev-
eral times greater than the current necessary to merely hold
it open therefore the LM1949 by directly sensing the actu-
al solenoid current initially saturates the driver until the
‘‘peak’’ injector current is four times that of the idle or ‘‘hold-
ing’’ current
(Figure 3 – Figure 7) This guarantees opening
of the injector The current is then automatically reduced to
the sufficient holding level for the duration of the input
pulse In this way the total power consumed by the system
is dramatically reduced Also a higher degree of correlation
of fuel to the input voltage pulse (or duty cycle) is achieved
since opening and closing delays of the solenoid will be
reduced
Normally powered from a 5V g10% supply the IC is typi-
cally operable over the entire temperature range (b55 Cto
a
125 C ambient) with supplies as low as 3 volts This is
particularly useful under ‘‘cold crank’’ conditions when the
battery voltage may drop low enough to deregulate the
5-volt power supply
The LM1949 is available in the plastic miniDIP (contact fac-
tory for other package options)
Features
Y
Low voltage supply (3V – 55V)
Y
22 mA output drive current
Y
No RFI radiation
Y
Adaptable to all injector current levels
Y
Highly accurate operation
Y
TTLCMOS compatible input logic levels
Y
Short circuit protection
Y
High impedance input
Y
Externally set holding current IH
Y
Internally set peak current (4 c IH)
Y
Externally set time-out
Y
Can be modified for full switching operation
Y
Available in plastic 8-pin miniDIP
Applications
Y
Fuel injection
Y
Throttle body injection
Y
Solenoid controls
Y
Air and fluid valves
Y
DC motor drives
Typical Application Circuit
TLH5062 – 1
FIGURE 1 Typical Application and Test Circuit
Order Number LM1949M or LM1949N
See NS Package Number M08A or N08E
COPSTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM1949N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1949N TI-LM1949N Datasheet
766Kb / 17P
LM1949 Injector Drive Controller
REVISED MARCH 2013
LM1949N/NOPB TI1-LM1949N/NOPB Datasheet
791Kb / 17P
Injector Drive Controller
LM1949N/NOPB TI2-LM1949N/NOPB Datasheet
856Kb / 17P
LM1949 Injector Drive Controller
REVISED MARCH 2013
LM1949N/NOPB.B TI2-LM1949N/NOPB.B Datasheet
856Kb / 17P
LM1949 Injector Drive Controller
REVISED MARCH 2013
More results

Similar Description - LM1949N

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
DI17X ATM-DI17X Datasheet
54Kb / 1P
OUTLINE DC INJECTOR
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
logo
Texas Instruments
LM1949 TI1-LM1949 Datasheet
791Kb / 17P
Injector Drive Controller
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Yuan Dean Scientific., ...
PE101G YUANDEAN-PE101G Datasheet
564Kb / 2P
POE Injector
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
LED Drive controller
logo
Texas Instruments
LM1949 TI-LM1949 Datasheet
766Kb / 17P
LM1949 Injector Drive Controller
REVISED MARCH 2013
logo
PHOENIX CONTACT
2703007 PHOENIX-2703007 Datasheet
986Kb / 29P
Injector - INJ 1010
Dec 6, 2022
2703008 PHOENIX-2703008 Datasheet
987Kb / 29P
Injector - INJ 1010-T
Dec 6, 2022
2703005 PHOENIX-2703005 Datasheet
1Mb / 34P
Injector - INJ 1000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com