Electronic Components Datasheet Search
  English  ▼

X  

THS6092 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS6092
Description  350 mA, 짹12 V ADSL CPE LINE DRIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6092 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS6092 Datasheet HTML 2Page - Texas Instruments THS6092 Datasheet HTML 3Page - Texas Instruments THS6092 Datasheet HTML 4Page - Texas Instruments THS6092 Datasheet HTML 5Page - Texas Instruments THS6092 Datasheet HTML 6Page - Texas Instruments THS6092 Datasheet HTML 7Page - Texas Instruments THS6092 Datasheet HTML 8Page - Texas Instruments THS6092 Datasheet HTML 9Page - Texas Instruments THS6092 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
THS6042, THS6043
350 mA,
±12 V ADSL CPE LINE DRIVERS
SLOS264G – MARCH 2000 – REVISED DECEMBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Small and large signal output
vs Frequency
1 – 6
Harmonic distortion
vs Output voltage
7, 8, 9
13, 14, 15
Harmonic distortion
vs Frequency
10, 11, 12,
16, 17, 18
Vn, In
Voltage noise and current noise
vs Frequency
19
Quiescent current
vs Free-air temperature
20
V
Positive output voltage headroom
vs Free-air temperature
21
V
Negative output voltage headroom
vs Free-air temperature
22
VO
Output voltage headroom
vs Output current
23
zo
Closed loop output impedance
vs Frequency
24
Quiescent current in shutdown mode
vs Free-air temperature
25
VIO
Input offset voltage and
differential input offset voltage
vs Free-air temperature
26
IIB
Input bias current
vs Free-air temperature
27
CMRR
Common-mode rejection ratio
vs Frequency
28
Crosstalk
vs Frequency
29
SR
Slew rate
vs Output voltage step
30
Shutdown response
31
Transimpedance and phase
vs Frequency
32
Overdrive recovery
33, 34
Small and large signal pulse response
35, 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com