Electronic Components Datasheet Search
  English  ▼

X  

THS6093 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS6093
Description  350 mA, 짹12 V ADSL CPE LINE DRIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6093 Datasheet(HTML) 1 Page - Texas Instruments

  THS6093 Datasheet HTML 1Page - Texas Instruments THS6093 Datasheet HTML 2Page - Texas Instruments THS6093 Datasheet HTML 3Page - Texas Instruments THS6093 Datasheet HTML 4Page - Texas Instruments THS6093 Datasheet HTML 5Page - Texas Instruments THS6093 Datasheet HTML 6Page - Texas Instruments THS6093 Datasheet HTML 7Page - Texas Instruments THS6093 Datasheet HTML 8Page - Texas Instruments THS6093 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
THS6042, THS6043
350 mA,
±12 V ADSL CPE LINE DRIVERS
SLOS264G – MARCH 2000 – REVISED DECEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Remote Terminal ADSL Line Driver
– Ideal for Both Full Rate ADSL and G.Lite
– Compatible With 1:1 Transformer Ratio
D Low 2.1 pA/√Hz Noninverting Current Noise
– Reduces Noise Feedback Through
Hybrid Into Downstream Channel
D Wide Supply Voltage Range ±5 V to ±15 V
– Ideal for
±12-V Operation
D Wide Output Swing
– 43-Vpp Differential Output Voltage,
RL = 200 Ω, ±12-V Supply
D High Output Current
– 350 mA (typ)
D High Speed
– 120 MHz (–3 dB, G=1,
±12 V, RL = 25 Ω)
– 1200 V/
µs Slew Rate (G = 4, ±12 V)
D Low Distortion, Single-Ended, G = 4
– –79 dBc (250 kHz, 2 Vpp, 100-Ω load)
D Low Power Shutdown (THS6043)
– 300-
µA Total Standby Current
D Thermal Shutdown and Short-Circuit
Protection
D Standard SOIC, SOIC PowerPAD and
TSSOP PowerPAD
 Package
D Evaluation Module Available
1
2
3
4
8
7
6
5
D1 OUT
D1 IN–
D1 IN+
VCC–
VCC+
D2 OUT
D2 IN–
D2 IN+
THS6042
SOIC (D) AND
SOIC PowerPAD
 (DDA) PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D1 OUT
D1 IN–
D1 IN+
VCC–
N/C
GND
N/C
VCC+
D2 OUT
D2 IN–
D2 IN+
N/C
SHUTDOWN
N/C
THS6043
SOIC (D) AND
TSSOP PowerPAD
 (PWP) PACKAGE
(TOP VIEW)
description
The THS6042/3 is a high-speed line driver ideal for driving signals from the remote terminal to the central office
in asymmetrical digital subscriber line (ADSL) applications. It can operate from a
±12-V supply voltage while
drawing only 8.2 mA of supply current per channel. It offers low –79 dBc total harmonic distortion driving a 100-
Ω
load (2 Vpp). The THS6042/3 offers a high 43-Vpp differential output swing across a 200-
Ω load from a ±12-V
supply. The THS6043 features a low-power shutdown mode, consuming only 300
µA quiescent current per
channel. The THS6042/3 is packaged in standard SOIC, SOIC PowerPAD, and TSSOP PowerPAD packages.
_
+
+12 V
750
Ω
VI+
_
+
–12 V
750
Ω
VI–
50
Ω
1:1
15.7 dBm
Delivered
to Telephone
Line
50
Ω
THS6042
Driver 1
THS6042
Driver 2
100
Ω
210
Ω
0.68
µF
RELATED PRODUCTS
DEVICE
THS6052/3
THS6092/3
OPA2677
THS6062
DESCRIPTION
175-mA,
±12 ADSL CPE line driver
275-mA, +12 V ADSL CPE line driver
380-mA, +12 V ADSL CPE line driver
±15 V to ± 5 V Low noise ADSL receiver
±6 V to 5 V Low noise ADSL receiver
OPA2822
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - THS6093

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6093 TI2-THS6093 Datasheet
1Mb / 19P
275 mA, 12 V ADSL CPE LINE DRIVERS
REVISED OCTOBER 2002
THS6093CD TI2-THS6093CD Datasheet
1Mb / 19P
275 mA, 12 V ADSL CPE LINE DRIVERS
REVISED OCTOBER 2002
THS6093CPWP TI2-THS6093CPWP Datasheet
1Mb / 19P
275 mA, 12 V ADSL CPE LINE DRIVERS
REVISED OCTOBER 2002
THS6093CPWPR TI1-THS6093CPWPR Datasheet
1Mb / 23P
275mA, 12 V ADSL CPE LINE DRIBERS
THS6093CPWPR TI2-THS6093CPWPR Datasheet
1Mb / 19P
275 mA, 12 V ADSL CPE LINE DRIVERS
REVISED OCTOBER 2002
More results

Similar Description - THS6093

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
ADSL CPE Hybrid
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
ADSL CPE Hybrid
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
ADSL Magnetics GlobeSpan ADSL DMT CPE
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Texas Instruments
THS6052IDDA TI-THS6052IDDA Datasheet
944Kb / 21P
175 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6052 TI1-THS6052_16 Datasheet
1Mb / 23P
175mA,12V ADSL CPE LINE DRIVERS
THS6042 TI1-THS6042_16 Datasheet
1Mb / 46P
350mA,12V ADSL CPE LINE DRIVERS
THS6092 TI1-THS6092 Datasheet
1Mb / 23P
275mA, 12 V ADSL CPE LINE DRIBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com