Electronic Components Datasheet Search
  English  ▼

X  

THS6042CD Datasheet(PDF) 3 Page - Texas Instruments

Part # THS6042CD
Description  350 mA, 짹12 V ADSL CPE LINE DRIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6042CD Datasheet(HTML) 3 Page - Texas Instruments

  THS6042CD Datasheet HTML 1Page - Texas Instruments THS6042CD Datasheet HTML 2Page - Texas Instruments THS6042CD Datasheet HTML 3Page - Texas Instruments THS6042CD Datasheet HTML 4Page - Texas Instruments THS6042CD Datasheet HTML 5Page - Texas Instruments THS6042CD Datasheet HTML 6Page - Texas Instruments THS6042CD Datasheet HTML 7Page - Texas Instruments THS6042CD Datasheet HTML 8Page - Texas Instruments THS6042CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
THS6042, THS6043
350 mA,
±12 V ADSL CPE LINE DRIVERS
SLOS264G – MARCH 2000 – REVISED DECEMBER 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage V
to V
Dual supply
±5
±15
V
Supply voltage, VCC+ to VCC–
Single supply
10
30
V
Operating free air temperature T
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
–40
85
°C
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC = ±12 V, R(FEEDBACK) = 750 Ω, RL = 100 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G = 1, RF = 560 Ω
120
S
ll i
l b
d idth
RL = 25 Ω
G = 2, RF = 500 Ω
VCC = ±6 V, ±12 V
95
BW
Small-signal bandwidth
(– 3 dB)
L
G = 4, RF = 390 Ω
CC
75
MHz
(– 3 dB)
RL = 100 Ω
G = 4, RF = 390 Ω
VCC = ±6V ±12 V
100
RL = 100 Ω
G = 8, RF = 280 Ω
VCC = ±6 V, ±12 V
65
G
2 R
390
Ω
VCC = ±15 V
1000
RL = 25 Ω
G = 2, RF = 390 Ω,
VO =5Vpp
VCC = ± 12 V
900
RL 25 Ω
VO = 5 Vpp
VCC = ± 6 V
600
SR
Slew rate (see Note 2)
G = 4, RF = 750 Ω,
VCC = ±15 V
1400
V/
µs
()
RL = 100 Ω
G = 4, RF = 750 Ω,
VO = 12 Vpp
VCC = ± 12 V
1200
µ
RL = 100 Ω
G = 4, RF = 750 Ω,
VO = 5 Vpp
VCC = ± 6 V
600
NOTE 2: Slew rate is defined from the 25% to the 75% output levels.
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G = 4,
RL = 100 Ω,
VO(pp) = 2 V
– 79
THD
Total harmonic distortion
(single-ended configuration)
G
4,
RL 100 Ω,
VCC = ± 12 V, f = 250 kHz
VO(pp) = 16 V
– 75
dBc
THD
(single-ended configuration)
(RF = 390 Ω)
G = 4,
RL = 25 Ω,
VO(pp) = 2 V
– 72
dBc
(RF = 390 Ω)
G
4,
RL 25 Ω,
VCC = ±6 V,
f = 250 kHz
VO(pp) = 7 V
– 68
Vn
Input voltage noise
VCC = ±6 V, ±12 V
f = 10 kHz
2.2
nV/
√Hz
I
Input current noise
+Input
V
±6V ±12 V ±15 V
f
10 kHz
2.1
pA/
√Hz
In
Input current noise
–Input
VCC = ± 6 V, ±12 V, ± 15 V
f = 10 kHz
11
pA/
√Hz
Crosstalk
f = 250 kHz ,
VCC = ± 6 V, ±12 V,
RF = 430 Ω,
RL = 100 Ω
V
2 Vpp G
4
– 71
dBc
Crosstalk
f = 250 kHz ,
VCC = ± 6 V, ±12 V,
RF = 390 Ω,
RL = 25 Ω
VO = 2 Vpp, G = 4
– 65
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com