Electronic Components Datasheet Search
  English  ▼

X  

THS6043CD Datasheet(PDF) 12 Page - Texas Instruments

Part # THS6043CD
Description  350 mA, 짹12 V ADSL CPE LINE DRIVERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6043CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS6043CD Datasheet HTML 8Page - Texas Instruments THS6043CD Datasheet HTML 9Page - Texas Instruments THS6043CD Datasheet HTML 10Page - Texas Instruments THS6043CD Datasheet HTML 11Page - Texas Instruments THS6043CD Datasheet HTML 12Page - Texas Instruments THS6043CD Datasheet HTML 13Page - Texas Instruments THS6043CD Datasheet HTML 14Page - Texas Instruments THS6043CD Datasheet HTML 15Page - Texas Instruments THS6043CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
THS6042, THS6043
350 mA,
±12 V ADSL CPE LINE DRIVERS
SLOS264G – MARCH 2000 – REVISED DECEMBER 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
1.05
1.1
1.15
1.2
1.25
1.3
1.35
–40
–20
0
20
40
60
80
100
VCC = ±6 V, RL = 25 Ω
VCC = ±12 V, RL = 100 Ω
VCC = ±6 V, RL = 100 Ω
POSITIVE OUTPUT VOLTAGE HEADROOM
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
(+VCC – VO)
Figure 22
–1.35
–1.3
–1.25
–1.2
–1.15
–1.1
–1.05
–40
–20
0
20
40
60
80
100
VCC = ±12 V, RL = 100 Ω
VCC = ±6 V, RL = 25 Ω
NEGATIVE OUTPUT VOLTAGE HEADROOM
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = ±6 V, RL = 100 Ω
(–VCC – VO)
Figure 23
1
1.5
2
2.5
3
3.5
4
0
100
200
300
400
500
OUTPUT VOLTAGE HEADROOM
vs
OUTPUT CURRENT
IO – Output Current – | mA |
| VCC | – | VO |
VCC = ±12 V and ±6 V
0.01
0.1
1
10
100
100 K
1 M
10 M
100 M
1 G
f – Frequency – Hz
CLOSED LOOP OUTPUT IMPEDANCE
vs
FREQUENCY
Gain = 8
Gain = 4
Gain = 2
VCC = ± 5 V to ± 15 V
RL = 100 Ω
Rf = 750 Ω
Figure 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com