Electronic Components Datasheet Search
  English  ▼

X  

TS80C31X2-LLCD Datasheet(PDF) 39 Page - ATMEL Corporation

Part # TS80C31X2-LLCD
Description  8-bit CMOS Microcontroller ROMless
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-LLCD Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button TS80C31X2-LLCD Datasheet HTML 34Page - ATMEL Corporation TS80C31X2-LLCD Datasheet HTML 35Page - ATMEL Corporation TS80C31X2-LLCD Datasheet HTML 36Page - ATMEL Corporation TS80C31X2-LLCD Datasheet HTML 37Page - ATMEL Corporation TS80C31X2-LLCD Datasheet HTML 38Page - ATMEL Corporation TS80C31X2-LLCD Datasheet HTML 39Page - ATMEL Corporation TS80C31X2-LLCD Datasheet HTML 40Page - ATMEL Corporation TS80C31X2-LLCD Datasheet HTML 41Page - ATMEL Corporation TS80C31X2-LLCD Datasheet HTML 42Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Rev. C - 15 January, 2001
39
TS80C31X2
7.5.9 External Clock Drive Characteristics (XTAL1)
7.5.10 External Clock Drive Waveforms
Figure 18. External Clock Drive Waveforms
7.5.11 AC Testing Input/Output Waveforms
Figure 19. AC Testing Input/Output Waveforms
AC inputs during testing are driven at VCC - 0.5 for a logic “1” and 0.45V for a logic “0”. Timing measurement
are made at VIH min for a logic “1” and VIL max for a logic “0”.
7.5.12 Float Waveforms
Figure 20. Float Waveforms
Table 27. AC Parameters
Symbol
Parameter
Min
Max
Units
TCLCL
Oscillator Period
25
ns
TCHCX
High Time
5
ns
TCLCX
Low Time
5
ns
TCLCH
Rise Time
5
ns
TCHCL
Fall Time
5
ns
TCHCX/TCLCX
Cyclic ratio in X2 mode
40
60
%
VCC-0.5 V
0.45 V
0.7VCC
0.2VCC-0.1 V
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX
0.45 V
VCC-0.5 V
0.2VCC+0.9
0.2VCC-0.1
INPUT/OUTPUT
VOL+0.1 V
VOH-0.1 V
FLOAT
VLOAD
VLOAD+0.1 V
VLOAD-0.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com