Electronic Components Datasheet Search
  English  ▼

X  

LM2575HVM-12 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575HVM-12
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575HVM-12 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2575HVM-12 Datasheet HTML 12Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 13Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 14Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 15Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 16Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 17Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 18Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 19Page - National Semiconductor (TI) LM2575HVM-12 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Inductor Value Selection Guides (For Continuous Mode Operation) (Continued)
PROCEDURE (Adjustable Output Voltage Versions)
EXAMPLE (Adjustable Output Voltage Versions)
5. Input Capacitor (C
IN) An aluminum or tantalum
electrolytic bypass capacitor located close to the regulator is
needed for stable operation.
5. Input Capacitor (C
IN) A 100 µF aluminum electrolytic
capacitor located near the input and ground pins provides
sufficient bypassing.
To further simplify the buck regulator design procedure, National Semiconductor is making available computer design software to
be used with the Simple Switcher line of switching regulators. Switchers Made Simple (version 3.3) is available on a (31⁄2")
diskette for IBM compatible computers from a National Semiconductor sales office in your area.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com