Electronic Components Datasheet Search
  English  ▼

X  

TP0610T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TP0610T
Description  P-Channel 60-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610T Datasheet(HTML) 4 Page - Vishay Siliconix

  TP0610T Datasheet HTML 1Page - Vishay Siliconix TP0610T Datasheet HTML 2Page - Vishay Siliconix TP0610T Datasheet HTML 3Page - Vishay Siliconix TP0610T Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP0610L/T, VP0610L/T, BS250
Vishay Siliconix
www.vishay.com
4
Document Number: 70209
S-41260—Rev. H, 05-Jul-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
02468
10
On-Resistance vs. Gate-Source Voltage
VGS − Gate-to-Source Voltage (V)
ID = 500 mA
ID = 200 mA
1.2
1.5
1
100
1000
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 125_C
Source-Drain Diode Forward Voltage
VSD − Source-to-Drain Voltage (V)
10
TJ = −55_C
VGS = 0 V
Threshold Voltage Variance Over Temperature
−0.3
−0.2
−0.1
−0.0
0.1
0.2
0.3
0.4
0.5
−50
−25
0
25
50
75
100
125
150
ID = 250 mA
TJ − Junction Temperature (_C)
10−3
10−2
1
10
600
10−1
10−4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 350_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0.01
0
1
2.5
3
100
600
0.1
Single Pulse Power, Junction-to-Ambient
Time (sec)
1.5
2
0.5
1
10
TA = 25_C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com