Electronic Components Datasheet Search
  English  ▼

X  

DG408LE Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG408LE
Description  17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408LE Datasheet(HTML) 4 Page - Vishay Siliconix

  DG408LE Datasheet HTML 1Page - Vishay Siliconix DG408LE Datasheet HTML 2Page - Vishay Siliconix DG408LE Datasheet HTML 3Page - Vishay Siliconix DG408LE Datasheet HTML 4Page - Vishay Siliconix DG408LE Datasheet HTML 5Page - Vishay Siliconix DG408LE Datasheet HTML 6Page - Vishay Siliconix DG408LE Datasheet HTML 7Page - Vishay Siliconix DG408LE Datasheet HTML 8Page - Vishay Siliconix DG408LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DG408LE, DG409LE
www.vishay.com
Vishay Siliconix
S16-0389-Rev.A, 07-Mar-16
4
Document Number: 78084
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
R
DS(on) = RDS(on) max. - RDS(on) min.
h. Worst case isolation occurs on Channel 4 do to proximity to the drain pin.
SPECIFICATIONS (Single Supply 12 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 12 V, ± 10 %, V- = 0 V
VEN = 0.8 V or 2.4 V f
TEMP. b
TYP. d
D SUFFIX
-40 °C to +85 °C
UNIT
MIN. c
MAX. c
Analog Switch
Analog Signal Range e
VANALOG
Full
-
0
12
V
Drain-Source
On-Resistance
RDS(on)
VD = 10.8 V, VD = 2 V or 9 V, IS = 10 mA
sequence each switch on
Room
17
-
23
Full
-
-
27
RDS(on) Matching
Between Channels g
R
DS
VD = 10.8 V, VD = 2 V or 9 V
IS = 10 mA
Room
1
-
3
On-Resistance Flatness
RFLAT(on)
Room
3
6.5
Switch Off Leakage
Current a
IS(off)
VEN = 0 V, VD = 11 V or 1 V
VS = 1 V or 11 V
Room
-
-1
1
nA
Full
-
-5
5
ID(on)
Room
-
-1
1
Full
-
-5
5
Channel On Leakage
Current a
ID(on)
VS = VD = 1 V or 11 V
Room
-
-1
1
Full
-
-5
5
Digital Control
Logic High Input Voltage
VINH
Full
-
2.4
-
V
Logic Low Input Voltage
VINL
Full
-
-
0.8
Input Current a
IIN
VAX = VEN = 2.4 V or 0.8 V
Full
-
-1
1
μA
Dynamic Characteristics
Transition Time
tTRANS
VS1 = 8 V, VS8 = 0 V, (DG408LE)
VS1b = 8 V, VS4b = 0 V, (DG409LE)
see figure 2
Room
85
-
100
ns
Full
-
-
110
Break-Before-Make Time
tOPEN
VS(all) = VDA = 5 V
see figure 4
Room
34
1
-
Full
-
-
-
Enable Turn-On Time
tON(EN)
VAX = 0 V, VS1 = 5 V (DG408LE)
VAX = 0 V, VS1b = 5 V (DG409LE)
see figure 3
Room
55
-
72
Full
-
-
82
Enable Turn-Off Time
tOFF(EN)
Room
36
-
47
Full
-
-
50
Charge Injection e (DG408LE)
QCL = 1 nF, VGEN = 6 V, RGEN = 0 
Room
-11
-
-
pC
Charge Injection e (DG409LE)
Room
-10
-
-
Off Isolation e, h (DG408LE)
OIRR
f = 100 kHz, RL = 50 
Room
-99
-
-
dB
Off Isolation e, h (DG409LE)
Room
-87
-
-
Crosstalk e (DG408LE)
XTALK
Room
-98
-
-
Crosstalk e (DG409LE)
Room
-109
-
-
Source Off Capacitance e
(DG408LE)
CS(off)
f = 1 MHz, VS = 0 V, VEN = 0 V
Room
5.5
-
-
pF
Source Off Capacitance e
(DG409LE)
Room
5.5
-
-
Drain Off Capacitance e
(DG408LE)
CD(off)
f = 1 MHz, VD = 2.4 V, VEN = 0 V
Room
25
-
-
Drain Off Capacitance e
(DG409LE)
Room
13.5
-
-
Drain On Capacitance
(DG408LE)
CD(on)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
(DG409LE only)
Room
35
-
-
Drain On Capacitance e
(DG409LE)
Room
23.5
-
-
Power Supplies
Power Supply Range
V+
-
3
12
V
Power Supply Current
I+
VEN = VA = 0 V or 5 V
Room
3.5
6
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com