Electronic Components Datasheet Search
  English  ▼

X  

CS101 Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # CS101
Description  All capacitors are X7R multi-layer ceramic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS101 Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

  CS101 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS101 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 9
MCOTS-F-270-P-QT
Current: 4A
Application Notes
A variety of application notes and technical white papers can be
downloaded in pdf format from our website.
Example MCOTS-F-270-P-QT-N-S
Ordering Information
Family
Product
Input Voltage Filter Type
Package
Thermal Design Screening Level
MCOTS
F: Filter
28:
48:
270:
-40V to +40V
-80V to +80V
-500V to +500V
P:
T:
Passive
Transient
QT:
HT:
Quarter Brick
Half Brick
N:
F:
Normal Threaded
Flanged
S:
M:
S-Grade
M-Grade
Not all combinations make valid part numbers, please contact SynQor for availability. See the Product Summary web page for more options.
Warranty
SynQor offers a two (2) year limited warranty. Complete warranty information
is listed on our website or is available upon request from SynQor.
Contact SynQor for further information and to order:
Phone:
978-849-0600
Toll Free:
888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address:
155 Swanson Road
Boxborough, MA 01719
USA
PATENTS
SynQor holds numerous U.S. patents, one or more of which apply to most of its power conversion
products. Any that apply to the product(s) listed in this document are identified by markings on
the product(s) or on internal components of the product(s) in accordance with U.S. patent laws.
SynQor’s patents include the following:
5,999,417
6,222,742
6,545,890
6,594,159
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
7,558,083
7,564,702
7,765,687
7,787,261
8,023,290
8,149,597
8,493,751
8,644,027
9,143,042



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com