Electronic Components Datasheet Search
  English  ▼

X  

CS106 Datasheet(PDF) 7 Page - SynQor Worldwide Headquarters

Part # CS106
Description  All capacitors are X7R multi-layer ceramic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

CS106 Datasheet(HTML) 7 Page - SynQor Worldwide Headquarters

  CS106 Datasheet HTML 1Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 2Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 3Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 4Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 5Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 6Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 7Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 8Page - SynQor Worldwide Headquarters CS106 Datasheet HTML 9Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Product # MCOTS-F-270-P-QT
Phone 1-888-567-9596
Doc.# 005-0005521
Rev. H
10/20/16
Page 7
MCOTS-F-270-P-QT
Current: 4A
STANDARDS COMPLIANCE
Parameter
Notes & Conditions
STANDARDS COMPLIANCE
UL 60950-1:2007/A2:2014
Basic Insulation
CAN/CSA C22.2 No. 60950-1:2007/A2:2014
EN 60950-1:2006/A2:2013
Note: An external input fuse must always be used to meet these safety requirements. Contact SynQor for official safety certificates on new releases or
download from the SynQor website.
Mil-COTS Qualification
Test Name
Details
# Tested
(# Failed)
Consistent with
MIL-STD-883F Method
Life Testing
Visual, mechanical and electrical testing before, during and
after 1000 hour burn-in @ full load
15
(0)
Method 1005.8
Shock-Vibration
Visual, mechanical and electrical testing before, during and
after shock and vibration tests
5
(0)
MIL-STD-202,
Methods 201A & 213B
Humidity
+85 ˚C, 95% RH, 1000 hours, 2 minutes on / 6 hours off
8
(0)
Method 1004.7
Temperature
Cycling
500 cycles of -55 ˚C to +100 ˚C
(30 minute dwell at each temperature)
10
(0)
Method 1010.8, Condition A
Solderability
15 pins
15
(0)
Method 2003
DMT
-65 ˚C to +110 ˚C across full line and load specifications in
5 ˚C steps
7
(0)
Altitude
70,000 feet (21 km), see Note
2
(0)
Note: A conductive cooling design is generally needed for high altitude applications because of naturally poor convective cooling at rare atmospheres.
Mil-COTS Converter and Filter Screening
Screening
Process Description
S-Grade
M-Grade
Baseplate Operating Temperature
-55 ˚C to +100 ˚C
-55 ˚C to +100 ˚C
Storage Temperature
-65 ˚C to +135 ˚C
-65 ˚C to +135 ˚C
Pre-Cap Inspection
IPC-A-610, Class III
●
●
Temperature Cycling
MIL-STD-883F, Method 1010,
Condition B, 10 Cycles
●
Burn-In
100 ˚C Baseplate
12 Hours
96 Hours
Final Electrical Test
100%
25 ˚C
-55 ˚C, +25 ˚C, +100 ˚C
Final Visual Inspection
MIL-STD-883F, Method 2009
●
●



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com