Electronic Components Datasheet Search
  English  ▼

X  

T2526 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T2526
Description  LOW-VOLTAGE IR RECEIVER ASSP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2526 Datasheet(HTML) 2 Page - ATMEL Corporation

  T2526 Datasheet HTML 1Page - ATMEL Corporation T2526 Datasheet HTML 2Page - ATMEL Corporation T2526 Datasheet HTML 3Page - ATMEL Corporation T2526 Datasheet HTML 4Page - ATMEL Corporation T2526 Datasheet HTML 5Page - ATMEL Corporation T2526 Datasheet HTML 6Page - ATMEL Corporation T2526 Datasheet HTML 7Page - ATMEL Corporation T2526 Datasheet HTML 8Page - ATMEL Corporation T2526 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
T2526
4597C–AUTO–11/03
Pin Configuration
Figure 2. Pinning SO8 and TSSOP8
1
2
3
4
8
7
6
5
VS
NC
OUT
NC
NC
NC
GND
IN
Pin Description
Pin
Symbol
Function
1
VS
Supply voltage
2
NC
Not connected
3
OUT
Data output
4
NC
Not connected
5
IN
Input PIN-diode
6
GND
Ground
7
NC
Not connected
8
NC
Not connected
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Supply voltage
V
S
-0.3 to 6
V
Supply current
I
S
3mA
Input voltage
V
IN
-0.3 to V
S
V
Input DC current at V
S = 5 V
I
IN
0.75
mA
Output voltage
V
O
-0.3 to V
S
V
Output current
I
O
10
mA
Operating temperature
T
amb
-25 to +85
°C
Storage temperature
T
stg
-40 to +125
°C
Power dissipation at T
amb = 25°CPtot
30
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com