Electronic Components Datasheet Search
  English  ▼

X  

PS40 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS40
Description  PRESSURE SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS40 Datasheet(HTML) 2 Page - Copal Electronics

  PS40_16 Datasheet HTML 1Page - Copal Electronics PS40_16 Datasheet HTML 2Page - Copal Electronics PS40_16 Datasheet HTML 3Page - Copal Electronics PS40_16 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS40
PRESSURE SWITCHES
■ STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Break-down pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Supply voltage
Pressure medium
Insulation resistance
Dielectric strength
Pressure port
Net weight
Model number
102V
501G
102G
103G
Gauge
− 100
50
100
1000
200
100
200
1500
500
250
500
2000
Non-corrosive gases
Approx. 50
10.8 ~ 30 V(Including ripple percentage)
100 (500 V DC)
500 V AC, 60 s(Leakage current 1 mA maximum)
R 1/8(M5 Female screw)or
“O” ring groove(M5 Female screw)
0 ~ 50
35 ~ 85(No condensation)
− 20 ~ 80
− 20 ~ 70
kPa
kPa
kPa
°C
°C
%RH
°C
V DC
M
Ω
minimum
g
Consumption current
17 mA(Only W type 25 mA maximum)
maximum
Output interface
Setting method
Adjustable range
Display
No. of outputs
1 or 2
Open collector output (NPN or PNP)
Adjustable by VR
Zero through rated pressure minimum
Red LED ON (W type only : SW1 Red, SW2 Green)
Accuracy
0 ~ 50 °C (Reference temp.: 25 °C)
Hysteresis
% F.S.
Switching capacity
Residual voltage
Response
Output voltage
Zero voltage
Span voltage
Output current
30 V 80 mA
0.8 (NPN), 1.2 (PNP)
Approx. 1
1 ~ 5
1 ± 0.1
4 ± 0.1
1(Load resistance 5 k
Ω minimum)
V
maximum
ms
V
V
V
mA
maximum
± 3
Approx. 1 ~ 15 % of the set value (W type only 2 % F.S. maximum)
O Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 12 V DC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com