Electronic Components Datasheet Search
  English  ▼

X  

ICS1700A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ICS1700A
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1700A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ICS1700A Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1700A Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1700A Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1700A Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1700A Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1700A Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1700A Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1700A Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS1700A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
ICS1700A
Charge Rate Selection: SEL0, SEL1 Pins
The SEL0 and SEL1 inputs must be programmed by the user to
inform the ICS1700A of the desired charge rate. When a low level
is required, the pin must be grounded. When a high level is
required, no connection is required since each pin has an internal
75k
Ω pull-up to VDD. The voltage ranges for low (L) and high (H)
are listed in Table 6, DC Characteristics. To program the SEL0
and SEL1 inputs, refer to the Charge Rate List in Table 2.
The ICS1700A does not control the current flowing into the
battery in any way other than turning it on and off. The required
current for the selected charge rate must be provided by the user’s
power source. The external charging circuitry should provide
current at the selected charge rate. For example, to charge a 1.2
ampere hour battery in 30 minutes (2C), approximately 2.4
amperes of current is required.
Table 2: Charge Rate List
SEL0
SEL1
Charge Rate
Topping Charge
pulse Rate
Maintenance Charge Pulse
Rate
Fast Charge Timer
Duration (after reset)
L
L
4C (15 min)
one every 40 sec
one every 160 sec
30 min
L
H
2C (30 min)
one every 20 sec
one every 80 sec
60 min
H
L
1C (60 min)
one every 10 sec
one every 40 sec
90 min
H
H
C/2 (120 min)
one every 5 sec
one every 20 sec
210 min
See the section on Controller Operation for additional information on the topping charge and maintenance charge. See the section on Charge Termination
Methods for additional information on the charge timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com