Electronic Components Datasheet Search
  English  ▼

X  

DMN2020LSN Datasheet(PDF) 1 Page - ZP Semiconductor

Part # DMN2020LSN
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

DMN2020LSN Datasheet(HTML) 1 Page - ZP Semiconductor

  DMN2020LSN Datasheet HTML 1Page - ZP Semiconductor DMN2020LSN Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DMN2020LSN
Features
•
Low On-Resistance
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
ESD Protected Up To 2KV
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SC-59
•
Case Material - Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Weight: 0.014 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
Continuous
VGSS
±12
V
Continuous Drain Current
Steady
State
TA = 25°C
TA = 85°C
ID
6.9
4.5
A
Pulsed Drain Current (Note 4)
IDM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Units
Power Dissipation (Note 3)
PD
0.61
W
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 3)
RθJA
204
°C /W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Device mounted on FR-4 PCB, with minimum recommended pad layout.
3. Repetitive rating, pulse width limited by junction temperature.
SC-59
TOP VIEW
Pin Out Configuration
TOP VIEW
EQUIVALENT CIRCUIT
Source
Gate
Protection
Diode
Gate
Drain
D
G
S
ESD PROTECTED TO 2kV
N-CHANNEL ENHANCEMENT MODE MOSFET
1 of 2
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - DMN2020LSN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2020LSN DIODES-DMN2020LSN Datasheet
159Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS31946 Rev. 2 - 2
DMN2020LSN-7 DIODES-DMN2020LSN-7 Datasheet
159Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
DS31946 Rev. 2 - 2
DMN2020LSN DIODES-DMN2020LSN_15 Datasheet
134Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results

Similar Description - DMN2020LSN

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com