Electronic Components Datasheet Search
  English  ▼

X  

ITS Datasheet(PDF) 6 Page - C&K Components

Part # ITS
Description  Illuminated Tact Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ITS Datasheet(HTML) 6 Page - C&K Components

  ITS Datasheet HTML 1Page - C&K Components ITS Datasheet HTML 2Page - C&K Components ITS Datasheet HTML 3Page - C&K Components ITS Datasheet HTML 4Page - C&K Components ITS Datasheet HTML 5Page - C&K Components ITS Datasheet HTML 6Page - C&K Components ITS Datasheet HTML 7Page - C&K Components ITS Datasheet HTML 8Page - C&K Components ITS Datasheet HTML 9Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
B–106
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
ITS Series
Illuminated Tact Switch
MOUNTING STYLES
R3 - Right Angle, SMT
6,1
1,8
4X 1,65
4
4X 0,85
0,9
7,7
6,7
4
3,4
2,7
4,2
3,6
0,8
4,24
2X 1
0,5
6,15
6,15
3X 1,15
4X 0,55
2X 0,15
4X 0,25
3,45
2X
1,2
HOLE
3X 1,15
6,15
5,8
B
A
L1
L2
COLOR 1
COLOR 2
TACT
LED
ELECTRICAL SCHEMATIC
A
B
L1 A
B L2
PCB RECOMMENDED
A
A
B
B
24
1,75
11,5
16
1,5
2,5
8,1
7,1 +0,2
0
5,1 +0,2
0
6,5 +0,2
0
1,2
74°
65°
3,8
2,2
3,2
7,1
0,5
1,5
HOLE
2
4
(
330)
(
13)
(
100)
(2,2)
(25)
REEL
SCALE 1:4
A-A
SECTION
B-B
SECTION
TAPE & REEL: 500 PIECES



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com