Electronic Components Datasheet Search
  English  ▼

X  

NB4N441 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB4N441
Description  3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N441 Datasheet(HTML) 2 Page - ON Semiconductor

  NB4N441 Datasheet HTML 1Page - ON Semiconductor NB4N441 Datasheet HTML 2Page - ON Semiconductor NB4N441 Datasheet HTML 3Page - ON Semiconductor NB4N441 Datasheet HTML 4Page - ON Semiconductor NB4N441 Datasheet HTML 5Page - ON Semiconductor NB4N441 Datasheet HTML 6Page - ON Semiconductor NB4N441 Datasheet HTML 7Page - ON Semiconductor NB4N441 Datasheet HTML 8Page - ON Semiconductor NB4N441 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NB4N441
http://onsemi.com
2
CLK/XTAL1
XTAL
OSC
PB
FB
R
Feedback
Divider (MB)
P[4:0] M[9:0] N[3:0]
Frequency Control Logic
Serial Load
SDATA
SCLOCK
SLOAD
LOCKED
OUTDIV (NB)
B2, 4, 8,
16, 32
CLKOUT
CLKOUT
Figure 2. Block Diagram
XTAL2
VCC
VCC_PLL
PFD
Loop
Filter
VCO
OE
GND
Input
Prescaler
SLOAD
NC
GND
VCC_PLL
NC
VCC
GND
SDATA
Figure 3. QFN−24 Lead Pinout (Top View)
SCLOCK
NC
NC
GND
18
12
4
3
5
6
78
9
11
10
2
1
17
16
15
14
13
19
24
23
22
20
21
Exposed Pad
(EP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com