Electronic Components Datasheet Search
  English  ▼

X  

LH0004CH Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LH0004CH
Description  LH0004 High Voltage Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LH0004CH Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LH0004CH Datasheet HTML 1Page - National Semiconductor (TI) LH0004CH Datasheet HTML 2Page - National Semiconductor (TI) LH0004CH Datasheet HTML 3Page - National Semiconductor (TI) LH0004CH Datasheet HTML 4Page - National Semiconductor (TI) LH0004CH Datasheet HTML 5Page - National Semiconductor (TI) LH0004CH Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
(Note 2)
Supply Voltage
g
45V
Power Dissipation (see Curve)
400 mW
Differential Input Voltage
g
7V
Input Voltage
Equal to Supply
Short Circuit Duration
3 sec
Operating Temperature Range
LH0004
b
55 Cto a125 C
LH0004C
0 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
260 C
ESD rating to be determined
Electrical Characteristics (Note 1)
Parameter
Conditions
LH0004
LH0004C
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
RS s 100X TA e 25 C
03
10
03
15
mV
RS s 100X
20
30
Input Bias Current
TA e 25 C
20
100
30
120
nA
300
300
Input Offset Current
TA e 25 C
3
20
10
45
nA
100
150
Positive Supply Current
VS e g40V TA e 25 C
110
150
110
150
m
A
VS e g40V
175
175
Negative Supply Current
VS e g40V TA e 25 C
80
100
80
100
m
A
VS e g40V
135
135
Voltage Gain
VS e g40V RL e 100k TA e 25 C
30
60
30
60
VmV
VOUT e g30V
VS e g40V RL e 100k
10
10
VmV
VOUT e g30V
Output Voltage
VS e g40V RL e 10k
g
35
g
30
g
33
g
30
V
CMRR
VS e g40V RS s 5k
70
90
70
90
dB
VIN e g33V
PSRR
VS e g40V RS s 5k
70
90
70
90
dB
D
V e 20V to 40V
Average Temperature
RS s 100X
40
40
m
V C
Coefficient Offset Voltage
Average Temperature
Coefficient of
04
04
nA C
Offset Current
Equivalent Input
RS e 100X VS e g40V
30
30
m
Vrms
Noise Voltage
f e 500 Hz to 5 kHz TA e 25 C
Note 1
These specifications apply for g5V s VS s g40V Pin 7 grounded with capacitors C1 e 39 pF between Pin 1 and Pin 10 C2 e 22 pF between Pin 5 and
ground b55 Cto a125 C for the LH0004 and 0 Cto a85 C for the LH0004C unless otherwise specified
Note 2
Refer to RETS0004X for LH0004H military specifications
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com