Electronic Components Datasheet Search
  English  ▼

X  

SS52F Datasheet(PDF) 1 Page - Dc Components

Part # SS52F
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SS52F Datasheet(HTML) 1 Page - Dc Components

  SS52F Datasheet HTML 1Page - Dc Components SS52F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 200 Volts
CURRENT - 5.0 Ampers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SS52F
THRU
SS520F
FEATURES
* ldeal for surface mounted applications
* Glass passivated junction
* Low leakage current
* Low power loss
* High efficiency
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.03 gram
* Terminals: Solder plated solderable per
MIL-STD-750, Method 2026
* Polarity: As marked
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
Dimensions in inches and (millimeters)
www.dccomponents.com
1
SS52F SS54F SS56F SS58F SS510F SS512F SS515F SS520F
20
40
60
80
100
120
150
200
14
28
42
56
70
84
105
140
20
40
60
80
100
120
150
200
NOTES : 1. Thermal Resistance (Junction to Ambient)
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. P.C.B. mounted with 0.5x0.5"(12.7x12.7mm2) copper pad area.
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Maximum Instantaneous Forward Voltage at 5.0A DC
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Lead Temperature at TA = 75
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
5.0
45
0.75
0.85
oC
VF
SYMBOL
VRRM
VDC
IFSM
VRMS
IO
Volts
mAmps
UNITS
Volts
Volts
Volts
Amps
Amps
pF
800
Storage Temperature Range
-55 to +150
0 C
TSTG
-55 to +125
Operating Temperature Range
TJ
0 C
CJ
R
θJA
0C/ W
@TA = 100
oC
@TA = 25
oC
2.0
50
500
IR
100
0.55
0.95
.043(1.1)
.035(0.9)
.007(0.2)
.003(0.1)
.192(4.9)
.173(4.4)
.106(2.7)
.094(2.4)
.062(1.6)
.051(1.3)
.047(1.2)
.031(0.8)
.145(3.7)
.129(3.3)
SMAFL


Similar Part No. - SS52F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS52F JUXING-SS52F Datasheet
801Kb / 2P
Surface Mount Schottky Rectifiers
logo
List of Unclassifed Man...
SS52F ETC2-SS52F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS52F CHENDA-SS52F Datasheet
627Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS52F YFWDIODE-SS52F Datasheet
191Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Nanjing International G...
SS52F DGNJDZ-SS52F Datasheet
1Mb / 2P
5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS52F

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com