Electronic Components Datasheet Search
  English  ▼

X  

AL3201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AL3201
Description  SCR, or Single Chip Reverb
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL3201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AL3201 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL3201 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL3201 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL3201 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL3201 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL3201 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL3201 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL3201 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL3201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Alesis Semiconductor
DS3201-0802
12555 Jefferson Blvd., Suite 285
Los Angeles, CA 90066
Phone (310) 301-0780
Fax (310) 306-1551 www.alesis-semi.com
-
2 -
Electrical Characteristics and Operating Conditions
Parameter
Description
Condition
Min
Typ
Max
Units
Electrical Characteristics and Operating Conditions
VDD
Supply Voltage
3.0/4.5
3.3/5.0
3.6/5.5
V
IDD
Supply Current : SCR
6/9
7/10
8/11
mA
Gnd
Ground
Note 3
-
0.0
-
V
FS
Sample rate
24 1
48
50 1
kHz
Temp
Temperature
0
25
70
°C
Outputs (DigOut, SysClk, BitClk, WordClk)
VOH
Logical “1” output voltage
Unloaded
0.9 VDD
VDD
-
V
VOL
Logical “0” output voltage
Unloaded
-
0
0.05 VDD
V
IOH
Logical “1” output current
VDD=5V VO=4.5V
-
-
-8.0
mA
IOL
Logical “0” output current
VDD=5V VO=0.4V
-
-
8.0
mA
_______________
__________________________
Inputs (DigIn, Int/Ext, Prog0/Sdata, Prog1/SClk, Prog2, Prog3, Reset) Notes 2,4
VIH
Logical “1” input voltage
2.5
-
VDD
V
VIL
Logical “0” input voltage
0
-
0.5
V
IIH
Logical “1” input current
VDD=VIH=5V
-
-
2
µA
IIL
Logical “0” input current
No pullup pin
-
-
2
µA
IILP
Logical “0” input current
Pullup pin, Vin=0
83
167
333
µA
CIN
Input Capacitance
-
2.0
-
pF
Note:
1.
Changing the sample rate (by changing the crystal frequency) will change the maximum delay
available through the DRAM proportionally. Low sample rates require more refresh instructions.
2.
XtalIn, XtalOut are special pins designed to be connected to a crystal. XtalOut is a relatively weak pin
(about 0.2 mA) and should not be used to drive external circuits. Instead of using a crystal, XtalIn
may be driven by a standard VDD to Gnd logic signal, but the logic levels are not specified.
3.
All other voltages are relative to Gnd.
4.
Bypass (pin 14) must never exceed 3.6V
Pin Descriptions: AL3201 SCR
(*: Pullup to VDD via nominal internal 30k
Ω resistor)
Pin #
Name
Pin Type
Description
1
DigOut
Output
Digital serial output for stereo DAC.
2
______________
Int/Ext
Input*
Internal/external program selection. 1:Internal, 0:External.
3
XtalIn
Input
12.288MHz crystal input.
4
XtalOut
Output
12.288MHz crystal output.
5
Prog0/SData
Bidirectional*
Internal program select 0 / serial interface data line.
6
Prog1/SClk
Input*
Internal program select 1 / serial interface clock line.
7
Prog2
Input*
Internal program select 2.
8
Prog3
Input*
Internal program select 3.
9
WordClk
Output
Word clock output.
10
BitClk
Output
Bit clock output.
11
SysClk
Output
System clock output.
12
_____________________
Reset
Input
Active low reset.
13
Gnd
Ground
Ground connection.
14
Bypass
Bidirectional
Connect 0.1
µF bypass capacitor to Gnd for internal +3.3V regulator.
15
VDD
Power
+5V/+3.3V VDD power pin. Connect 0.1
µF capacitor to Gnd.
16
DigIn
Input
Digital serial input from stereo ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com