Electronic Components Datasheet Search
  English  ▼

X  

ADM1066ASU Datasheet(PDF) 15 Page - Analog Devices

Part # ADM1066ASU
Description  Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1066ASU Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM1066ASU Datasheet HTML 11Page - Analog Devices ADM1066ASU Datasheet HTML 12Page - Analog Devices ADM1066ASU Datasheet HTML 13Page - Analog Devices ADM1066ASU Datasheet HTML 14Page - Analog Devices ADM1066ASU Datasheet HTML 15Page - Analog Devices ADM1066ASU Datasheet HTML 16Page - Analog Devices ADM1066ASU Datasheet HTML 17Page - Analog Devices ADM1066ASU Datasheet HTML 18Page - Analog Devices ADM1066ASU Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
ADM1066
Rev. 0 | Page 15 of 32
VXn PINS AS DIGITAL INPUTS
As mentioned previously, the VXn input pins on the ADM1066
have dual functionality. The second function is as a digital input
to the device. Therefore, the ADM1066 can be configured for up
to five digital inputs. These inputs are TTL/CMOS-compatible.
Standard logic signals can be applied to the pins: RESET from
reset generators, PWRGOOD signals, fault flags, manual resets,
and so on. These signals are available as inputs to the SE, and so
can be used to control the status of the PDOs. The inputs can be
configured to detect either a change in level or an edge.
When configured for level detection, the output of the digital
block is a buffered version of the input. When configured for
edge detection, once the logic transition is detected, a pulse of
programmable width is output from the digital block. The width
is programmable from 0 µs to 100 µs.
The digital blocks feature the same glitch filter function that is
available on the SFDs. This enables the user to ignore spurious
transitions on the inputs. For example, the filter can be used to
debounce a manual reset switch.
When configured as digital inputs, each of the VXn pins has a
weak (10 µA) pull-down current source available for placing the
input in a known condition, even if left floating. The current
source, if selected, weakly pulls the input to GND.
DETECTOR
VXn
(DIGITAL INPUT)
GLITCH
FILTER
VREF = 1.4V
TO
SEQUENCING
ENGINE
+
–
Figure 24. VXn Digital Input Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com