Electronic Components Datasheet Search
  English  ▼

X  

90MT80KB Datasheet(PDF) 3 Page - International Rectifier

Part # 90MT80KB
Description  THREE PHASE BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

90MT80KB Datasheet(HTML) 3 Page - International Rectifier

  90MT80KB Datasheet HTML 1Page - International Rectifier 90MT80KB Datasheet HTML 2Page - International Rectifier 90MT80KB Datasheet HTML 3Page - International Rectifier 90MT80KB Datasheet HTML 4Page - International Rectifier 90MT80KB Datasheet HTML 5Page - International Rectifier 90MT80KB Datasheet HTML 6Page - International Rectifier 90MT80KB Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
90-110MT..KB Series
3
Bulletin I27501 rev. A 05/03
www.irf.com
11
0
MT
160
K
B
1
2
3
1
-
Current rating code: 9 = 90 A (Avg)
11 = 110 A (Avg)
2
-
Three phase diodes bridge
3
-
Essential part number
4
-
Voltage code: Code x 10 = V
RRM
(See Voltage Ratings Table)
5
-
Generation II
4
Device Code
Ordering Information Table
5
Outline Table (without optional barriers)
All dimensions in millimeters (inches)
A
B
C
D
E
F
NOTE: To order the Optional Hardware see Bulletin I27900



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com