Electronic Components Datasheet Search
  English  ▼

X  

PMV60EN Datasheet(PDF) 2 Page - ZP Semiconductor

Part # PMV60EN
Description  mTrenchMOS??enhanced logic level FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

PMV60EN Datasheet(HTML) 2 Page - ZP Semiconductor

  PMV60EN Datasheet HTML 1Page - ZP Semiconductor PMV60EN Datasheet HTML 2Page - ZP Semiconductor PMV60EN Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3.
Limiting values
Table 2:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ T
j ≤ 150 °C
-
30
V
VDGR
drain-gate voltage (DC)
25
°C ≤ T
j ≤ 150 °C; RGS =20kΩ
-30
V
VGS
gate-source voltage (DC)
-
±20
V
ID
drain current (DC)
Tsp =25 °C; VGS =10V; Figure 2 and 3
-
4.7
A
Tsp = 100 °C; VGS =10V; Figure 2
-
2.9
A
IDM
peak drain current
Tsp =25 °C; pulsed; tp ≤ 10 µs; Figure 3
-
18.8
A
Ptot
total power dissipation
Tsp =25 °C; Figure 1
-2
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tsp =25 °C
-
1.7
A
ISM
peak source (diode forward) current Tsp =25 °C; pulsed; tp ≤ 10 µs
-
6.9
A
PMV60EN
µTrenchMOS™ enhanced logic level FET
2 of 3
sales@zpsemi.com
www.zpsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com