Electronic Components Datasheet Search
  English  ▼

X  

APA3541 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA3541
Description  Class AB Stereo Headphone Driver with Mute
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3541 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA3541 Datasheet HTML 1Page - Anpec Electronics Coropration APA3541 Datasheet HTML 2Page - Anpec Electronics Coropration APA3541 Datasheet HTML 3Page - Anpec Electronics Coropration APA3541 Datasheet HTML 4Page - Anpec Electronics Coropration APA3541 Datasheet HTML 5Page - Anpec Electronics Coropration APA3541 Datasheet HTML 6Page - Anpec Electronics Coropration APA3541 Datasheet HTML 7Page - Anpec Electronics Coropration APA3541 Datasheet HTML 8Page - Anpec Electronics Coropration APA3541 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.1 -Apr., 2003
APA3541/4
www.anpec.com.tw
5
Typical Characteristics
Figure 1 : Supply Voltage : V
DD (V)
Figure 2 : Supply Voltage : V
DD (V)
0
1
2
3
4
5
6
7
8
02
4
6
7
5
3
1
MUTE : OFF
MUTE : ON
R
L=32Ω
0
1
2
3
4
5
024
6
7
13
5
R
L=32Ω
Figure 3 : Mute Control Voltage : V
TM (V)
Figure 4 : Frequency :f (Hz)
10
100k
100
1k
10k
-12
+8
-10
-8
-6
-4
-2
+0
+2
+4
+6
APA3541
V
DD=5V
V
IN=0dBv
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
0.4
0.8
1.2
1.6
2
V
DD=5V
V
IN=0dBv
f =1 kHz
R
L=32Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com