Electronic Components Datasheet Search
  English  ▼

X  

TC654 Datasheet(PDF) 22 Page - Microchip Technology

Part # TC654
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654 Datasheet(HTML) 22 Page - Microchip Technology

Back Button TC654_14 Datasheet HTML 18Page - Microchip Technology TC654_14 Datasheet HTML 19Page - Microchip Technology TC654_14 Datasheet HTML 20Page - Microchip Technology TC654_14 Datasheet HTML 21Page - Microchip Technology TC654_14 Datasheet HTML 22Page - Microchip Technology TC654_14 Datasheet HTML 23Page - Microchip Technology TC654_14 Datasheet HTML 24Page - Microchip Technology TC654_14 Datasheet HTML 25Page - Microchip Technology TC654_14 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
TC654/TC655
DS20001734C-page 22
 2002-2014 Microchip Technology Inc.
7.0
APPLICATIONS INFORMATION
7.1
Connecting to the SMBus
The SMBus is an open-collector bus, requiring pull-up
resistors connected to the SDA and SCLK lines. This
configuration is shown in Figure 7-1.
FIGURE 7-1:
Pull-up Resistors On
SMBus.
The number of devices connected to the bus is limited
only by the maximum rise and fall times of the SDA
and SCLK lines. Unlike I2C specifications, SMBus
does not specify a maximum bus capacitance value.
Rather, the SMBus specification calls out that the max-
imum current through the pull-up resistor be 350 µA
(minimum, 100 µA, is also specified). Therefore, the
value of the pull-up resistors will vary depending on the
system’s bias voltage, VDD. Minimizing bus capaci-
tance is still very important as it directly affects the rise
and fall times of the SDA and SCLK lines. The range
for pull-up resistor values for a 5V system are shown
in Figure 7-1.
Although SMBus specifications only require the SDA
and SCLK lines to pull down 350 µA, with a maximum
voltage drop of 0.4V, the TC654/TC655 has been
designed to meet a maximum voltage drop of 0.4V, with
3 mA of current. This allows lower values of pull-up
resistors to be used, which will allow higher bus capac-
itance. If this is to be done, though, all devices on the
bus must be able to meet the same pull-down current
requirements as well.
A possible configuration using multiple devices on the
SMBus is shown in Figure 7-2.
FIGURE 7-2:
Multiple Devices on SMBus.
7.2
Setting the PWM Frequency
The PWM frequency of the VOUT output is set by the
capacitor value attached to the CF pin. The PWM fre-
quency will be 30 Hz (typical) for a 1 µF capacitor. The
relationship between frequency and capacitor value is
linear, making alternate frequency selections easy.
As stated in previous sections, the PWM frequency
should be kept in the range of 15 Hz to 35 Hz. This will
eliminate the possibility of having audible frequencies
when varying the duty cycle of the fan drive.
A very important factor to consider when selecting the
PWM frequency for the TC654/TC655 devices is the
RPM rating of the selected fan and the minimum duty
cycle for operation. For fans that have a full-speed rat-
ing of 3000 RPM or less, it is desirable to use a lower
PWM frequency. A lower PWM frequency allows for a
longer time period to monitor the fan current pulses.
The goal is to be able to monitor at least two fan current
pulses during the on time of the VOUT output.
Example: Your system design requirement is to oper-
ate the fan at 50% duty cycle when ambient tempera-
tures are below 20°C. The fan full-speed RPM rating is
3000 RPM and has four current pulses per rotation. At
50% duty cycle, the fan will be operating at approxi-
mately 1500 RPM.
EQUATION
If one fan revolution occurs in 40 msec, then each fan
pulse occurs 10 msec apart. In order to detect two fan
current pulses, the on time of the VOUT pulse must be
at least 20 msec. With the duty cycle at 50%, the total
period of one cycle must be at least 40 msec, which
makes the PWM frequency 25 Hz. For this example, a
PWM frequency of 20 Hz is recommended. This would
define a CF capacitor value of 1.5 µF.
SDA
SCLK
VDD
R
R
TC654/TC655
Range for R: 13.2 k
to 46 k for V
DD = 5.0V
SDA SCLK
PIC16F876
Microcontroller
TCN75
Temperature
Sensor
24LC01
EEPROM
TC654/TC655
Fan Speed
Controller
Time for one revolution (msec.)
60
1000
1500
------------------------40
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com