Electronic Components Datasheet Search
  English  ▼

X  

TC654T Datasheet(PDF) 25 Page - Microchip Technology

Part # TC654T
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654T Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC654T Datasheet HTML 21Page - Microchip Technology TC654T Datasheet HTML 22Page - Microchip Technology TC654T Datasheet HTML 23Page - Microchip Technology TC654T Datasheet HTML 24Page - Microchip Technology TC654T Datasheet HTML 25Page - Microchip Technology TC654T Datasheet HTML 26Page - Microchip Technology TC654T Datasheet HTML 27Page - Microchip Technology TC654T Datasheet HTML 28Page - Microchip Technology TC654T Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
 2002-2014 Microchip Technology Inc.
DS20001734C-page 25
TC654/TC655
MOSFETs are very low, the TC654/TC655 can charge
and discharge them very quickly, leading to very fast
edges. Of key concern is the turn-off edge of the MOS-
FET. Since the fan motor winding is essentially an
inductor, once the MOSFET is turned off, the current
that was flowing through the motor wants to continue to
flow. If the fan does not have internal clamp diodes
around the windings of the motor, there is no path for
this current to flow through, and the voltage at the drain
of the MOSFET may rise until the drain to source rating
of the MOSFET is exceeded. This will most likely cause
the MOSFET to go into Avalanche mode. Since there
is very little energy in this occurrence, it will probably
not fail the device, but it would be a long term reliability
issue. The following is recommended:
• Ask how the fan is designed. If the fan has clamp
diodes internally, you will not experience this
problem. If the fan does not have internal clamp
diodes, it is a good idea to put one externally
(Figure 7-8). You can also put a resistor between
VOUT and the gate of the MOSFET, which will help
slow down the turn-off and limit this condition.
FIGURE 7-7:
Output Drive Device Configurations.
TABLE 7-2:
FAN DRIVE DEVICE SELECTION TABLE (Note 2)
Device
Package
Max Vbe sat /
Vgs(V)
Min hfe
Vce/VDS
Fan Current
(mA)
Suggested
Rbase (ohms)
MMBT2222A
SOT-23
1.2
50
40
150
800
MPS2222A
TO-92
1.2
50
40
150
800
MPS6602
TO-92
1.2
50
40
500
301
SI2302
SOT-23
2.5
NA
20
500
Note 1
MGSF1N02E
SOT-23
2.5
NA
20
500
Note 1
SI4410
SO-8
4.5
NA
30
1000
Note 1
SI2308
SOT-23
4.5
NA
60
500
Note 1
Note 1: A series gate resistor may be used in order to control the MOSFET turn-on and turn-off times.
2: These drive devices are suggestions only. Fan currents listed are for individual fans.
Q1
GND
VDD
RSENSE
RBASE
VOUT
FAN
a) Single Bipolar Transistor
Q1
GND
VDD
RSENSE
VOUT
b) N-Channel MOSFET
FAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com