Electronic Components Datasheet Search
  English  ▼

X  

TC654EUN Datasheet(PDF) 19 Page - Microchip Technology

Part # TC654EUN
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654EUN Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC654EUN Datasheet HTML 15Page - Microchip Technology TC654EUN Datasheet HTML 16Page - Microchip Technology TC654EUN Datasheet HTML 17Page - Microchip Technology TC654EUN Datasheet HTML 18Page - Microchip Technology TC654EUN Datasheet HTML 19Page - Microchip Technology TC654EUN Datasheet HTML 20Page - Microchip Technology TC654EUN Datasheet HTML 21Page - Microchip Technology TC654EUN Datasheet HTML 22Page - Microchip Technology TC654EUN Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
 2002-2014 Microchip Technology Inc.
DS20001734C-page 19
TC654/TC655
6.3
CONFIGURATION REGISTER
(CONFIG)
The Configuration Register is an 8-bit read/writable
multi-function control register. This register allows the
user to clear fan faults, select RPM resolution, select
VOUT duty cycle (fan speed) control method, select the
fan current pulses per rotation for fans 1 and 2 (for fan
RPM calculation) and put the TC654/TC655 device into
a Shutdown mode to save power consumption. See
Register 6-3 below for the Configuration Register bit
descriptions.
REGISTER 6-3:
CONFIGURATION REGISTER (CONFIG)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
FFCLR
RES
DUTYC
F2PPR
F2PPR
F1PPR
F1PPR
SDM
bit 7
bit 0
bit 7
FFCLR: Fan Fault Clear
1
= Clear Fan Fault. This will reset the Fan Fault bits in the Status Register and the FAULT output.
0
= Normal Operation (default)
bit 6
RES: Resolution Selection for RPM Output Registers
1
= RPM Output Registers (RPM1 and RPM2) will be set for 25 RPM (9-bit) resolution.
0
= RPM Output Registers (RPM1 and RPM2) will be set for 50 RPM (8-bit) resolution. (default)
bit 5
DUTYC: Duty Cycle Control Method
1
= The VOUT duty cycle will be controlled via the SMBus interface. The value for the VOUT duty cycle
will be taken from the duty cycle register (DUTY_CYCLE).
0
= The VOUT duty cycle will be controlled via the VIN analog input pin. The VOUT duty cycle value will
be between 30% and 100% for VIN values between 1.62V and 2.6V typical. If the VIN pin is open
when this mode is selected, the VOUT duty cycle will default to 39.33%. (default)
bit 4-3
F2PPR: Fan 2 Pulses Per Rotation
The TC654/TC655 device uses this setting to understand how many current pulses per revolution Fan 2
should have. It then uses this as part of the calculation for the fan 2 RPM value in the RPM2 Register.
See Section 7.7 “Determining Current Pulses Per Revolution of Fans” for application information on
determining your fan’s number of current pulses per revolution.
00
=1
01
= 2 (default)
10
=4
11
=8
bit 2-1
F1PPR: Fan 1 Pulses Per Rotation
The TC654/TC655 device uses this setting to understand how many current pulses per revolution Fan 1
should have. It then uses this as part of the calculation for the fan 1 RPM value for the RPM1 Register.
See Section 7.7 “Determining Current Pulses Per Revolution of Fans” for application information on
determining your fan’s number of current pulses per revolution.
00
=1
01
= 2 (default)
10
=4
11
=8
bit 0
SDM: Shutdown Mode
1
= Shutdown mode. See Section 4.9 “Low-Power Shutdown Mode” for more information on low-
power Shutdown mode.
0
= Normal operation. (default)
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com