Electronic Components Datasheet Search
  English  ▼

X  

TC654EUNT Datasheet(PDF) 1 Page - Microchip Technology

Part # TC654EUNT
Description  Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC654EUNT Datasheet(HTML) 1 Page - Microchip Technology

  TC654EUNT Datasheet HTML 1Page - Microchip Technology TC654EUNT Datasheet HTML 2Page - Microchip Technology TC654EUNT Datasheet HTML 3Page - Microchip Technology TC654EUNT Datasheet HTML 4Page - Microchip Technology TC654EUNT Datasheet HTML 5Page - Microchip Technology TC654EUNT Datasheet HTML 6Page - Microchip Technology TC654EUNT Datasheet HTML 7Page - Microchip Technology TC654EUNT Datasheet HTML 8Page - Microchip Technology TC654EUNT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2002-2014 Microchip Technology Inc.
DS20001734C-page 1
TC654/TC655
Features:
• Temperature Proportional Fan Speed for Reduced
Acoustic Noise and Longer Fan Life
• FanSense™ Protects against Fan Failure and
Eliminates the Need for 3-wire Fans
• Overtemperature Detection (TC655)
• Efficient PWM Fan Drive
• Provides RPM Data
• 2-Wire SMBus™-Compatible Interface
• Supports Any Fan Voltage
• Software Controlled Shutdown Mode for "Green"
Systems
• Supports Low-Cost NTC/PTC Thermistors
• Space Saving 10-Pin MSOP Package
• Temperature Range: -40°C to +85ºC
Applications:
• Personal Computers and Servers
• LCD Projectors
• Datacom and Telecom Equipment
• Fan Trays
•File Servers
• Workstations
• General Purpose Fan Speed Control
Package Type
Description:
The TC654 and TC655 are PWM mode fan speed con-
trollers with FanSense technology for use with brush-
less DC fans. These devices implement temperature
proportional fan speed control which lowers acoustic
fan noise and increases fan life. The voltage at VIN
(Pin 1) represents temperature and is typically pro-
vided by an external thermistor or voltage output tem-
perature sensor. The PWM output (VOUT) is adjusted
between 30% and 100%, based on the voltage at VIN.
The PWM duty cycle can also be programmed via
SMBus to allow fan speed control without the need for
an external thermistor. If VIN is not connected, the
TC654/TC655 will start driving the fan at a default duty
cycle of 39.33%. See Section 4.3 “Fan Start-up” for
more details.
In normal fan operation, pulse trains are present at
SENSE1 (Pin 8) and SENSE2 (Pin 7). The TC654/
TC655 use these pulses to calculate the fan revolu-
tions per minute (RPM). The fan RPM data is used to
detect a worn out, stalled, open or unconnected fan.
An RPM level below the user-programmable threshold
causes the TC654/TC655 to assert a logic low alert
signal (FAULT). The default threshold value is
500 RPM. Also, if this condition occurs, F1F (bit 0<0>)
or F2F (bit 1<0>) in the Status Register will also be set
to a ‘1’.
An over-temperature condition is indicated when the
voltage at VIN exceeds 2.6V (typical). The TC654/
TC655 devices indicate this by setting OTF(bit 5<X>) in
the Status Register to a '1'. The TC655 device also
pulls the FAULT line low during an over-temperature
condition.
The TC654/TC655 devices are available in a 10-Pin
MSOP package and consume 150 µA during opera-
tion. The devices can also enter a low-power Shutdown
mode (5 µA, typ.) by setting the appropriate bit in the
Configuration Register. The operating temperature
range for these devices is -40°C to +85ºC.
10-Pin MSOP
1
2
3
4
5
10
9
8
7
6
VIN
CF
SCLK
SDA
GND
VDD
VOUT
SENSE1
SENSE2
FAULT
TC654
TC655
Dual SMBus™ PWM Fan Speed Controllers With
Fan Fault Detection


Similar Part No. - TC654EUNT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC654EUN MICROCHIP-TC654EUN Datasheet
706Kb / 36P
Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
More results

Similar Description - TC654EUNT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC654 MICROCHIP-TC654 Datasheet
706Kb / 36P
Dual SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC664 MICROCHIP-TC664 Datasheet
695Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
2002
TC646B MICROCHIP-TC646B Datasheet
683Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
2003
TC642B MICROCHIP-TC642B Datasheet
662Kb / 34P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
2003
logo
Maxim Integrated Produc...
MAX6643 MAXIM-MAX6643 Datasheet
213Kb / 17P
Automatic PWM Fan-Speed Controllers with Overtemperature Output
19-3305; Rev 2; 3/07
logo
Microchip Technology
TC642B MICROCHIP-TC642B_13 Datasheet
563Kb / 36P
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC646B MICROCHIP-TC646B_13 Datasheet
580Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
11/29/12
TC664 MICROCHIP-TC664_36 Datasheet
558Kb / 36P
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
11/29/12
TC646BEPA MICROCHIP-TC646BEPA Datasheet
728Kb / 36P
PWM Fan Speed Controllers With Auto-Shutdown
03/25/03
logo
Maxim Integrated Produc...
MAX6643 MAXIM-MAX6643_V01 Datasheet
762Kb / 18P
Automatic PWM Fan-Speed Controllers with Overtemperature Output
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com