Electronic Components Datasheet Search
  English  ▼

X  

MPW2033 Datasheet(PDF) 3 Page - Total Power International

Part # MPW2033
Description  Efficiency up to 89%
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MPW2033 Datasheet(HTML) 3 Page - Total Power International

  MPW2033 Datasheet HTML 1Page - Total Power International MPW2033 Datasheet HTML 2Page - Total Power International MPW2033 Datasheet HTML 3Page - Total Power International MPW2033 Datasheet HTML 4Page - Total Power International MPW2033 Datasheet HTML 5Page - Total Power International MPW2033 Datasheet HTML 6Page - Total Power International MPW2033 Datasheet HTML 7Page - Total Power International MPW2033 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K Hours
---
---
1000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
]
117
112
107
Case Temperature, automatic recovery
Over Temperature Protection
KHz
360
330
290
Switching Frequency
pF
1500
1200
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{4
{2
---
Transient Response Deviation
uS
300
150
---
25% Load Step Change
Transient Recovery Time
%
180
---
120
Over Power Protection
mV rms
10
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
80
55
---
Ripple & Noise (20MHz)
%
{1.0
{0.3
---
Io=50% to 100%
Load Regulation
%
{0.5
{0.2
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{1.0
{0.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Referenced to Negative Input
Control Common
uA
-100
---
---
Vin -RC = 0V
Control Input Current ( off )
uA
5
---
---
Vin -RC = 5.0V
Control Input Current ( on )
mA
5
2
---
Device Standby Input Current
VDC
1
---
-1
Supply Off
VDC
2.5 to 100VDC or Open Circuit
Supply On
Unit
Max.
Typ.
Min.
Conditions
Parameter
Remote On/Off Control
%
{11.0
{10.0
{9.0
% of nominal output voltage
Trim Up / Down Range
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Voltage Trim
Notes1:
1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted.
2. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3. Ripple & Noise measurement bandwidth is 0-20 MHz.
4. These power converters require a minimum output loading to maintain specified regulation.
5. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed.
6. All DC/DC converters should be externally fused at the front end for protection.
7. Other input and output voltage may be available, please contact factory.
8. Specifications subject to change without notice.
MPW2000 Series
Total Power International, Inc.
Toll Free: 877-646-0900(US)
www.total-power.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com