Electronic Components Datasheet Search
  English  ▼

X  

MM5451 Datasheet(PDF) 11 Page - Microchip Technology

Part # MM5451
Description  LED Display Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM5451 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MM5451 Datasheet HTML 7Page - Microchip Technology MM5451 Datasheet HTML 8Page - Microchip Technology MM5451 Datasheet HTML 9Page - Microchip Technology MM5451 Datasheet HTML 10Page - Microchip Technology MM5451 Datasheet HTML 11Page - Microchip Technology MM5451 Datasheet HTML 12Page - Microchip Technology MM5451 Datasheet HTML 13Page - Microchip Technology MM5451 Datasheet HTML 14Page - Microchip Technology MM5451 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005651A-page 11
MM5450/51
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
40-Pin PDIP*
Example
XXXXXX
WNNN
XXXXXXXX
MICREL
6235
MM5451YN
44-Pin PLCC*
Example
XXXXXX
WNNN
XXXXXXXX
MICREL
8943
MM5450YV
Legend:
XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (⎯) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com