Electronic Components Datasheet Search
  English  ▼

X  

MM5450YN Datasheet(PDF) 1 Page - Microchip Technology

Part # MM5450YN
Description  LED Display Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM5450YN Datasheet(HTML) 1 Page - Microchip Technology

  MM5450YN Datasheet HTML 1Page - Microchip Technology MM5450YN Datasheet HTML 2Page - Microchip Technology MM5450YN Datasheet HTML 3Page - Microchip Technology MM5450YN Datasheet HTML 4Page - Microchip Technology MM5450YN Datasheet HTML 5Page - Microchip Technology MM5450YN Datasheet HTML 6Page - Microchip Technology MM5450YN Datasheet HTML 7Page - Microchip Technology MM5450YN Datasheet HTML 8Page - Microchip Technology MM5450YN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005651A-page 1
MM5450/51
Features
• Continuous Brightness Control
• Serial Data Input
• No Load Signal Requirement
• Enable (MM5450 Only)
• Wide Power Supply Operation
• TTL Compatibility
• 34 or 35 Outputs, 15 mA Capability
• Alphanumeric Capability
Applications
• Industrial Control Indicator
• Relay Driver
• Digital Clock, Thermometer, Counter, Voltmeter
• Instrumentation Readouts
General Description
The MM5450 and MM5451 LED display drivers are
monolithic MOS IC’s fabricated in an N-Channel,
metal-gate
process.
The
technology
produces
low-threshold, enhancement-mode, and ion-implanted
depletion-mode devices.
A single pin controls the LED display brightness by
setting a reference current through a variable resistor
connected to the supply.
Block Diagram
35 OUTPUT BUFFERS
35 LATCHES
35-BIT SHIFT
REGISTER
LOAD
RESET
RESET
(only available
in die form)
SERIAL DATA
22
CLOCK
21
DATA ENABLE/OUT 35
(See Note 1)
23
19
20
24
OUT 34
18
OUT 1
1
BRIGHTNESS
CONTROL
VDD
Note 1: Pin in Data Enable in MM5450
Pin in Output 25 in MM5451
LED Display Driver


Similar Part No. - MM5450YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MM5450YN MICREL-MM5450YN Datasheet
741Kb / 6P
LED Display Driver
More results

Similar Description - MM5450YN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com