Electronic Components Datasheet Search
  English  ▼

X  

MM5451YN Datasheet(PDF) 7 Page - Microchip Technology

Part # MM5451YN
Description  LED Display Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM5451YN Datasheet(HTML) 7 Page - Microchip Technology

Back Button MM5451YN Datasheet HTML 3Page - Microchip Technology MM5451YN Datasheet HTML 4Page - Microchip Technology MM5451YN Datasheet HTML 5Page - Microchip Technology MM5451YN Datasheet HTML 6Page - Microchip Technology MM5451YN Datasheet HTML 7Page - Microchip Technology MM5451YN Datasheet HTML 8Page - Microchip Technology MM5451YN Datasheet HTML 9Page - Microchip Technology MM5451YN Datasheet HTML 10Page - Microchip Technology MM5451YN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005651A-page 7
MM5450/51
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Output Current vs. Number
of Segments.
FIGURE 2-2:
Output Voltage vs. LED
Current.
FIGURE 2-3:
Power Dissipation vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
110
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
NUMBER OF SEGMENTS
V
= 1V
OUT
V
= 1.5V
OUT
V
= 2V
OUT
T = 85°C
A
2.5
2.0
1.5
1.0
0.5
0
04
8
12
16
20
24
28
I
(mA)
LED
T = 85°C
T = 150°C (MAX)
A
J
20
SEGM
1.0
0.8
0.6
0.4
0.2
0
020
40
60
80
TEMPERATURE (°C)
34 SEGMENTS
V
= 1V
15 mA/SEGMENT
OUT
SAFE OPERATING
AREA
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com