Electronic Components Datasheet Search
  English  ▼

X  

MM5451YV Datasheet(PDF) 17 Page - Microchip Technology

Part # MM5451YV
Description  LED Display Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MM5451YV Datasheet(HTML) 17 Page - Microchip Technology

Back Button MM5451YV Datasheet HTML 12Page - Microchip Technology MM5451YV Datasheet HTML 13Page - Microchip Technology MM5451YV Datasheet HTML 14Page - Microchip Technology MM5451YV Datasheet HTML 15Page - Microchip Technology MM5451YV Datasheet HTML 16Page - Microchip Technology MM5451YV Datasheet HTML 17Page - Microchip Technology MM5451YV Datasheet HTML 18Page - Microchip Technology MM5451YV Datasheet HTML 19Page - Microchip Technology MM5451YV Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2016 Microchip Technology Inc.
DS20005651A-page 17
MM5450/51
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MM5450YN:
LED Display Driver with Enable
–40°C to +85°C Junction
Temperature Range, 40-Lead
PDIP, 9/Tube
b) MM5450YV:
LED Display Driver with Enable
–40°C to +85°C Junction
Temperature Range, 44-Lead
PLCC, 26/Tube
c) MM5450YV-TR:
LED Display Driver with Enable
–40°C to +85°C Junction
Temperature Range, 44-Lead
PLCC, 500/Reel
a) MM5451YN:
LED Display Driver
–40°C to +85°C Junction
Temperature Range, 40-Lead
PDIP, 9/Tube
b) MM5451YV:
LED Display Driver
–40°C to +85°C Junction
Temperature Range, 44-Lead
PLCC, 26/Tube
c) MM5451YV-TR:
LED Display Driver
–40°C to +85°C Junction
Temperature Range, 44-Lead
PLCC, 500/Reel
PART NO.
XX
Package
Device
Device:
MM5450:
LED Display Driver (with Enable)
MM5451:
LED Display Driver
Junction
Temperature
Range:
Y
=
–40°C to +85°C
Package:
N
=
40-Lead PDIP
V
=
44-Lead PLCC
Media Type:
TR
= 500/Reel for V Package
(blank)= 9/Tube for N Package
(blank)= 26/Tube for V Package
X
Junction
XX
–
Media Type
Temperature Range
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com