Electronic Components Datasheet Search
  English  ▼

X  

APL431ABC-PB Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL431ABC-PB
Description  Adjustable Precision Shunt Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL431ABC-PB Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL431ABC-PB Datasheet HTML 1Page - Anpec Electronics Coropration APL431ABC-PB Datasheet HTML 2Page - Anpec Electronics Coropration APL431ABC-PB Datasheet HTML 3Page - Anpec Electronics Coropration APL431ABC-PB Datasheet HTML 4Page - Anpec Electronics Coropration APL431ABC-PB Datasheet HTML 5Page - Anpec Electronics Coropration APL431ABC-PB Datasheet HTML 6Page - Anpec Electronics Coropration APL431ABC-PB Datasheet HTML 7Page - Anpec Electronics Coropration APL431ABC-PB Datasheet HTML 8Page - Anpec Electronics Coropration APL431ABC-PB Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright  ANPEC Electronics Corp.
Rev. C.1 - Jun., 2003
APL431
www.anpec.com.tw
4
Test figures
Figure 1. Test Circuit for V
KA=VREF , VO=VKA=VREF
Figure 2. Test Circuit for V
KA>VREF,
V
O= VKA= VREF× (1+R1/R2) + IREF × R1
Figure 3. Test Circuit for I
K(off)
Application schematic
∗ R
b should provide cathode current large than
1mA to maintain APL431 work properly.
VIN
Vo
IK
VREF
Vo
VIN
IK(off)
VIN
IK
IREF
VREF
R1
R2
Vo
Vo
VIN
27.5k
Ω
0.1%
27.5k
Ω
0.1%
Rb
5-Volt Precision Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com