Electronic Components Datasheet Search
  English  ▼

X  

TPES25 Datasheet(PDF) 2 Page - Total Power International

Part # TPES25
Description  ACCOMMODATE UNIVERSAL AC INPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES25 Datasheet(HTML) 2 Page - Total Power International

  TPES25 Datasheet HTML 1Page - Total Power International TPES25 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL NO. DESCRIPTION:
TPES25 - X X X YYY - S
AC PLUG TYPE
OUTPUT CURRENT
OUTPUT VOLTAGE
SERIES NAME (
Total Power External Switcher) About 25W
OUTPUT VOLTAGE/CURRENT RATINGS CHART
DEFINED OUTPUT VOLTAGE
OUTPUT VOLTAGE (Vdc) / CURRENT (A)
3.3Vdc ≤ Any Voltage < 24.0Vdc
3.3-5.0V/5.0-4.0A, 5.1-6.0V/3.95-3.5A, 6.1-7.4V/3.45-3.0A,
7.5-10.0V/2.98-2.5A, 10.1-15.0V/2.49-2.0A, 15.1-15.7V/1.98-1.91A,
15.8-16.6V/1.89-1.8A, 16.7-17.6V/1.79-1.7A, 17.7- 18.7V/1.69-1.6A,
18.8-20.0V/1.59-1.5A, 20.1-21.4V/1.49- 1.4A, 21.5-23.0V/1.39-1.3A,
23.1-23.9V/1.29-1.25A.
24.0Vdc ≤ Any Voltage ≤ 36.0Vdc
24.0-25.7V/1.5-1.4A, 25.8-27.6V/1.39-1.3A, 27.7-30.0V/1.29-1.2A
30.1-32.7V/1.19-1.1A, 32.8-34.2V/1.09-1.05A,
34.3-34.9V/1.04-1.03A, 35.0-36.0V/1.02-1.0A.
Note: Refer to the upper Chart or consult factory for the exact Model No. and V/A .
SINGLE OUTPUT (Model No. for example. )
MODEL NO.
AC PLUG
O/P VOLTAGE
O/P CURRENT
TPES25-033500-1
WM1
3.3Vdc
5.00A
TPES25-050400-2
WM2
5.0Vdc
4.00A
TPES25-090270-3
WM3
9.0Vdc
2.70A
TPES25-120240-5
WM5
12.0Vdc
2.40A
TPES25-150200-6
WM6
15.0Vdc
2.00A
TPES25-180166-1
WM1
18.0Vdc
1.66A
TPES25-230130-2
WM2
23.0Vdc
1.30A
TPES25-240150-3
WM3
24.0Vdc
1.50A
TPES25-300120-5
WM5
30.0Vdc
1.20A
TPES25-360100-6
WM6
36.0Vdc
1.00A
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 240g (8.5Oz).
[1]WM1,[2] WM2, [3]WM3,
[5] WM5, [6] WM6,
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com
Total Power International, Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com