Electronic Components Datasheet Search
  English  ▼

X  

DM130036 Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM130036
Description  15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM130036 Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM130036 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM130036 Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DM130036
15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
Preliminary
Doc No: DM130036-11-MCO-DS-P01
July 11, 2016
13
6.2 Multi-drivers Application
The host device with 2-wire serial interface can control DM130036. (A1,A0) pins correspond to the ID setting
(Maximum support 4 chips). See the following figure for setting ID option.
PP5
PM5
VX3
VX4
VX5
VPP
A0
A1
SCL
SDA
VSS
VDD
0.1uF
0.01uF
0.01uF
0.01uF
C1=0.01uF
C2=0.01uF
C3=0.01uF
C4=0.1uF
C5=0.1uF
C6=0.1uF
DM130036
V1D5
0.1uF
VX2
PP4
PM4
PP3
PM3
PP2
PM2
PP1
PM1
C1
C2
C3
C4
C5
VX3
VX4
VX5
VPP
A0
A1
SCL
SDA
VDD
DM130036
V1D5
VX2
VX3
VX4
VX5
VPP
A0
A1
SCL
SDA
VDD
DM130036
V1D5
VX2
VX3
VX4
VX5
VPP
A0
A1
SCL
SDA
VDD
DM130036
V1D5
VX2
VSS
VSS
VSS
ID 11
ID 01
ID 10
ID 00
C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com