Electronic Components Datasheet Search
  English  ▼

X  

DM5865 Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

Part # DM5865
Description  4-Channel 720H Video Decoders and Audio Codecs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM5865 Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM5865 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM5865 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM5865 Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DM5865
4-Channel 720H Video Decoders and Audio Codecs
Product Brief
www.davicom.com.tw
1
Version: 1.0
March 1, 2013
1. Features
Video Decoder
Accepts NTSC (M), PAL (B, D, G, H, I, M,
Nc)
Hardware Fast Switch function
Fast Switch also controllable by software
or external pin
Software channel ID in active region
Four 10-bits video ADCs with built in 6.5
MHz analog low pass filter
Automatic gain control for Luminance and
Chrominance
Programmable brightness, contrast,
saturation, hue, and sharpness
5-H comb filter for YC separation
Chrominance line filter for PAL phase error
DLL for video synchronization, supports
27MHz crystal within +/-1000 ppm
variance
Advanced video synchronization for weak
and noisy CVBS. Supports video signal
transmitted by 500-meter long cable
Up to 4 CCIR656 output interfaces which
could be configured as 4 sets of CCIR656
(27MHz) or 2 sets of TDM2 (54MHz) or 2
set of TDM4 (108MHz)
Support line lock camera
Audio Codecs
Five audio ADCs and one audio
DAC are integrated
Master I2S/DSP playback, record
and audio-mixing
Supports extended I2S/DSP format
transmitting up to 16 audio channels
using one data pin
Audio cascade up to 16 channels
16-bit or 8-bit 48/24/16/8 KHz PCM
format
Miscellaneous
Use a single external 27MHz crystal
to support 720H video
Two programmable PLLs integrated
Slave I2C bus
Ultra low power consumption. Under
500mW for normal operation. Under
50mW for suspend mode.
128-pin LQFP package
(14mmx14mm)
1.8V core power, 3.3V analog
power and 1.8V analog power


Similar Part No. - DM5865

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
4-Channel 960H Video Decoders and Audio Codecs
More results

Similar Description - DM5865

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
4-Channel 960H Video Decoders and Audio Codecs
DM5885 DAVICOM-DM5885 Datasheet
71Kb / 3P
4-Channel Video Decoders and Mixer and Audio Codecs
DM5886 DAVICOM-DM5886 Datasheet
73Kb / 3P
4-Channel 960H Video Decoders and Mixer and Audio Codecs
logo
Renesas Technology Corp
TW2867 RENESAS-TW2867 Datasheet
197Kb / 2P
4-Channel Video Decoders and Audio Codecs for Security Applications
logo
Intersil Corporation
TW2960 INTERSIL-TW2960 Datasheet
142Kb / 2P
4-CH 960H Video Decoders and Audio Codecs
January 18, 2012
logo
Renesas Technology Corp
TW2815 RENESAS-TW2815 Datasheet
2Mb / 82P
4-Channel Video Decoders and Audio Codecs for Security Applications
May 19, 2017
TW2864 RENESAS-TW2864 Datasheet
3Mb / 110P
4-Channel Video Decoders and Audio Codecs For Security Applications
September 28, 2012
TW2866C RENESAS-TW2866C Datasheet
5Mb / 143P
4-Channel Video Decoders and Audio Codecs and Video Encoder for Security Application
February 3, 2012
TW2867C RENESAS-TW2867C Datasheet
4Mb / 138P
4-Channel Video Decoders and Audio Codecs For Security Applications
February 9, 2012
TW2960 RENESAS-TW2960 Datasheet
3Mb / 147P
4-CH 960H Video Decoders and Audio Codecs
Sep 6, 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com