Electronic Components Datasheet Search
  English  ▼

X  

DM5866 Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM5866
Description  4-Channel 960H Video Decoders and Audio Codecs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM5866 Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM5866 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM5866 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM5866 Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DM5866
4-Channel 960H Video Decoders and Audio Codecs
Product Brief
www.davicom.com.tw
2
Version: 1.0
March 1, 2013
2. General Description
The DM5866 is a high-end 4-channel video decoder
designed for cameras with Sony’s new 960H CCD
sensor. The DM5866 converts 4 channels of 9/6.5
MHz analog CVBS signals to 4 channels of digital
36/27 MHz CCIR656 signals. The DM5866 integrates
two internal PLLs, and decodes both 960H and 720H
videos using the same (27MHz) external clock source.
The DM5866 also features a patented fast switch
function. With the fast switch function, the DM5866
can decode up to 8 analog CVBS with little frame rate
loss.
The DM5866 also includes five audio ADCs and one
audio DAC. Audio cascade up to 16 channels is also
supported.
2. Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com