Electronic Components Datasheet Search
  English  ▼

X  

DM9051 Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9051
Description  SPI to Ethernet MAC Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9051 Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9051 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9051 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9051 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9051 Datasheet HTML 4Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DM9051
SPI to Ethernet MAC Controller
Preliminary
2
Version: 0.2
2014/2/18
2.
General Description
The DM9051 is a fully integrated and cost-effective
low pin count single chip Fast Ethernet controller with
SPI interface, a 10/100M PHY and 4K Dword SRAM.
It is designed with low power and high performance
SPI interface that support 5V/3.3V IO tolerance.
The DM9051 supports SPI interfaces to internal
memory accesses for various processors. The PHY of
the DM9051 can interface to the UTP3, 4, 5 in 10Base-T
and UTP5 in 100Base-TX with
HP Auto-MDIX. It is fully compliant with the IEEE 802.3u
Spec. Its auto-negotiation function will automatically
configure the DM9051 to take the maximum advantage of
its abilities. The DM9051 also supports IEEE 802.3x full-
duplex flow control.
3.
Applications
● Smart meter
● Industrial Control Sensor Devices
● Security, Motion Control
● Building Automation
● Voice over IP (VoIP)
● Internet Radio



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com