Electronic Components Datasheet Search
  English  ▼

X  

AP431AL Datasheet(PDF) 3 Page - Anachip Corp

Part # AP431AL
Description  Adjustable Precision Shunt Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP431AL Datasheet(HTML) 3 Page - Anachip Corp

  AP431AL Datasheet HTML 1Page - Anachip Corp AP431AL Datasheet HTML 2Page - Anachip Corp AP431AL Datasheet HTML 3Page - Anachip Corp AP431AL Datasheet HTML 4Page - Anachip Corp AP431AL Datasheet HTML 5Page - Anachip Corp AP431AL Datasheet HTML 6Page - Anachip Corp AP431AL Datasheet HTML 7Page - Anachip Corp AP431AL Datasheet HTML 8Page - Anachip Corp AP431AL Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Adjustable Precision Shunt Regulator
AP431/AP431A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
3/17
Marking Information
(1) SOT23 / SOT25 / SOT89
P/N Type
X X
AP431Y
A 4
AP431AY
A 5
AP431IY
A A
AP431IAY
A B
AP431W
A 6
AP431AW
A 7
AP431IW
A C
AP431IAW
A D
AP431R
A 8
AP431AR
A 9
AP431IR
A E
AP431IAR
A F
AP431Q
A 2
AP431AQ
A 3
AP431IQ
A G
AP431IAQ
A H
XX YM X
SOT23/SOT25
XX
YMX
SOT89
Date code
Y : Year
M : Month(A~L)
XX: P/N Type
(Top View)
X: Blank : normal
L : Lead Free Package
(2) SOP
Accuracy
AC
AP431X X
YYWW X
Blank:
A
:
Logo
( Top view )
%
1
495
.
2
±
%
5
.
0
495
.
2
±
Blank: -20oC ~ +85oC
I
: -40oC ~ +85oC
YY : Year
WW: Nth week
Date code
Temp. grade
Lead Free
Blank: normal
L: Lead Free Package
(3)TO92
Accuracy
AP431X
X YWW X X
Blank:
A
:
( Top view )
Y
: Year
WW: Nth week
Date code
Internal code
Temp. grade
1%
2.495
±
0.5%
2.495
±
Blank: -20oC ~ +85oC
I
: -40oC ~ +85oC
Blank: normal
L: Lead Free Package
Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com