Electronic Components Datasheet Search
  English  ▼

X  

MIC94060 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC94060
Description  100m SC-70-6 Smart Load Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94060 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC94060 Datasheet HTML 1Page - Micrel Semiconductor MIC94060 Datasheet HTML 2Page - Micrel Semiconductor MIC94060 Datasheet HTML 3Page - Micrel Semiconductor MIC94060 Datasheet HTML 4Page - Micrel Semiconductor MIC94060 Datasheet HTML 5Page - Micrel Semiconductor MIC94060 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
July 2002
3
MIC94060/94061
MIC94060/94061
Micrel
Absolute Maximum Ratings (Note 1)
Input Voltage (V
IN) ........................................................ +6V
Enable Voltage (V
EN) .................................................... +6V
Continuous Drain Current (I
D) Note 3
T
A = 25°C .................................................................. ±2A
T
A = 85°C ............................................................... ±1.4A
Pulsed Drain Current (I
DP) Note 5 ................................ ±6A
Continuous Diode Current (I
S) Note 7 ..................... –50mA
Power Dissipation Note 3
SC-70-6 lead (T
A = 85°C) .................................. 270 mW
Ambient Storage Temperature (T
S) ......... –55°C to +150°C
ESD Rating Note 4
Operating Ratings (Note 2)
Input Voltage Range (V
IN) ............................... 1.8V to 5.5V
Junction Temperature Range (T
J) ........... –40°C to +150°C
Package Thermal Impedance Note 3
θ
JA SC-70-6 lead ............................................... 240°C/W
Electrical Characteristics
T
A = 25°C, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Static
V
EN(th)
EN Threshold Voltage
V
IN = 1.8V to 4.5V, ID = –250µA
0.5
1.2
V
I
EN
EN Input Current (Quiescent Current)
V
IN = VEN = 5.5V
2
4
µA
I
VIN
OFF State Leakage Current
V
EN = OPEN or 0V, VIN = +5.5V
1
µA
R
DS(ON)
P-Channel Drain-Source
V
IN = 4.5V, ID = –100 mA; VEN = 1.5V
77
100
m
Ω
On-Resistance
V
IN = 3.6V, ID = –100 mA; VEN = 1.5V
85
115
m
Ω
V
IN = 2.5V, ID = –100 mA; VEN = 1.5V
100
140
m
Ω
V
IN = 1.8V, ID = –100 mA; VEN = 1.5V
145
200
m
Ω
R
SHUTDOWN
Turn-off Impedance (94061)
V
IN = 3.6V, VEN = 0V or OPEN
200
300
Ω
Dynamic (Note 6)
t
d(on)
Turn-On Delay Time
V
IN = 3.6V, ID = –100mA, VEN = 1.5V
850
1500
ns
t
r
Turn-On Rise Time
V
IN = 3.6V, ID = –100mA, VEN = 1.5V
0.5
1
5
µs
t
d(off)
Turn-Off Delay Time
V
IN = 3.6V, ID = –100mA, VEN = 1.5V
100
150
ns
t
f
Turn-Off Fall Time
V
IN = 3.6V, ID = –100mA, VEN = 1.5V
60
100
ns
Note 1.
T
A = 25°C unless otherwise noted. Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a function
of the maximum junction temperature, T
J(Max), the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA.
Note 2.
This device is not guaranteed to operate beyond its specified operating rating.
Note 3.
Mounted on 1 square-inch pad of 2 oz. copper.
Note 4.
IC devices are inherently ESD sensitive. Handling precautions required.
Note 5.
Pulse width < 300
µs with <2% duty cycle.
Note 6.
Dynamic specifications are guaranteed by design.
Note 7.
Body diode current conduction is not recommended.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com