Electronic Components Datasheet Search
  English  ▼

X  

DSL70 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # DSL70
Description  Silicon TVS diodes Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DSL70 Datasheet(HTML) 2 Page - Infineon Technologies AG

  DSL70 Datasheet HTML 1Page - Infineon Technologies AG DSL70 Datasheet HTML 2Page - Infineon Technologies AG DSL70 Datasheet HTML 3Page - Infineon Technologies AG DSL70 Datasheet HTML 4Page - Infineon Technologies AG DSL70 Datasheet HTML 5Page - Infineon Technologies AG DSL70 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2011-06-17
2
DSL70
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
-
Reverse working voltage
VRWM
-
-
50
V
Reverse current
VR = 50 V
IR
-
-
5
nA
Forward clamping voltage1)
IPP = 1 A, tP = 8/20 µs
IPP = 10 A, tP = 8/20 µs
IPP = 24 A, tP = 8/20 µs
IPP = 27 A, tP = 8/20 µs
VFC
-
-
-
-
1
2.5
5
6
1.5
3
6
9
V
Diode capacitance
VR = 0 V, f = 1 MHz, between I/0 and GND
VR = 0 V, f = 1 MHz, between I/0 pins
CT
-
-
2.5
1.25
5
2.5
pF
1IPP according to IEC61000-4-5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com