Electronic Components Datasheet Search
  English  ▼

X  

BDX64 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BDX64
Description  PNP SILICON DARLINGTONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BDX64 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BDX64 Datasheet HTML 1Page - List of Unclassifed Manufacturers BDX64 Datasheet HTML 2Page - List of Unclassifed Manufacturers BDX64 Datasheet HTML 3Page - List of Unclassifed Manufacturers BDX64 Datasheet HTML 4Page - List of Unclassifed Manufacturers BDX64 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
COMSET SEMICONDUCTORS
3/5
BDX 64, A, B, C
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
BDX64
-60
-
-
BDX64A
-80
-
-
BDX64B
-100
-
-
VCEO(SUS)
Collector-Emitter
Breakdown Voltage (*)
IC=-0.1 A, IB=0, L=25mH
BDX64C
-120
-
-
V
VCE=-30 V
BDX64
--
VCE=-40 V
BDX64A
--
VCE=-50 V
BDX64B
--
ICEO
Collector Cutoff Current
VCE=-60 V
BDX64C
--
-1.0
mA
IEBO
Emitter Cutoff Current
VBE=-5 V
BDX64
BDX64A
BDX64B
BDX64C
--
-5.0
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com