Electronic Components Datasheet Search
  English  ▼

X  

MP8780 Datasheet(PDF) 10 Page - Exar Corporation

Part # MP8780
Description  CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8780 Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP8780 Datasheet HTML 3Page - Exar Corporation MP8780 Datasheet HTML 4Page - Exar Corporation MP8780 Datasheet HTML 5Page - Exar Corporation MP8780 Datasheet HTML 6Page - Exar Corporation MP8780 Datasheet HTML 7Page - Exar Corporation MP8780 Datasheet HTML 8Page - Exar Corporation MP8780 Datasheet HTML 9Page - Exar Corporation MP8780 Datasheet HTML 10Page - Exar Corporation MP8780 Datasheet HTML 11Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
03

5HY 
$33/,&$7,21 127(6
)LJXUH  7\SLFDO &LUFXLW &RQQHFWLRQV
9
ï9
ï

7

 S)

N
03

2):
&/.
1RWH 
'%  '%
2(
7R
'LJLWDO
6\VWHP
$*1'
'*1'
53
5
5
&

P)
&

P)
5
N
5
N
53

:
5W
/LQH 7HUPLQDWLRQ 5HVLVWRU
7
1
 5
2(
03
$9''
'9''
&
&
&
&
&&
&&
5W
9,1
95() 
95() ï
9'3
&
&
&
952
&
&
&
5W
7KH IROORZLQJ LQIRUPDWLRQ ZLOO EH XVHIXO LQ PD[LPL]LQJ WKH SHU
IRUPDQFH RI WKH 03
 1R VLJQDOV VKRXOG H[FHHG 9''  9 RU *1' ï 9
 $Q\ LQSXW SLQ ZKLFK FDQ VHH D VLJQDO EHORZ *1' RU DERYH
9'' VKRXOG EH SURWHFWHG E\ GLRGH FODPSV 1 RU
+3 IURP LQSXW SLQ WR WKH VXSSOLHV $OO 03 LQ
SXWV KDYH LQSXW SURWHFWLRQ GLRGHV ZKLFK ZLOO SURWHFW WKH GH
YLFH IURP VKRUW WUDQVLHQWV RXWVLGH WKH VXSSO\ UDQJH
 7KH GHVLJQ RI D 3& ERDUG ZLOO DIIHFW WKH DFFXUDF\ RI 03
8VH RI ZLUH ZUDS LV QRW UHFRPPHQGHG
 7KH DQDORJ LQSXW VLJQDO 9,1 LV TXLWH VHQVLWLYH DQG VKRXOG EH
SURSHUO\ URXWHG DQG WHUPLQDWHG ,W VKRXOG EH VKLHOGHG IURP
WKH FORFN DQG GLJLWDO RXWSXWV VR DV WR PLQLPL]H FURVV FRXSOLQJ
DQG QRLVH SLFNXS
 7KH DQDORJ LQSXW VKRXOG EH GULYHQ E\ D ORZ LPSHGDQFH OHVV
WKDQ 
: 
 $QDORJ DQG GLJLWDO JURXQG SODQHV VKRXOG EH VXEVWDQWLDO DQG
FRPPRQ DW RQH SRLQW RQO\ 7KH JURXQG SODQH VKRXOG DFW DV D
VKLHOG IRU SDUDVLWLFV DQG QRW D UHWXUQ SDWK IRU VLJQDOV 6HSD
UDWH ORZ LPSHGDQFH JURXQG SDWKV ZLOO UHGXFH QRLVH OHYHOV
 '9'' VKRXOG QRW EH VKDUHG ZLWK RWKHU GLJLWDO FLUFXLWU\ WR
DYRLG FRQYHUVLRQ HUURUV FDXVHG E\ GLJLWDO VXSSO\ WUDQVLHQWV
,Q FDVH D VHSDUDWH '9'' IRU WKH 03 FDQQRW EH SUR
YLGHG WKHQ '9'' VKRXOG EH FRQQHFWHG WR $9'' QH[W WR WKH
03
 (DFK SRZHU VXSSO\ DQG UHIHUHQFH YROWDJH SLQ VKRXOG EH
GHFRXSOHG ZLWK D FHUDPLF 
P) DQG D WDQWDOXP P) FD
SDFLWRU DV FORVH WR WKH GHYLFH DV SRVVLEOH
 7KH GLJLWDO RXWSXW VKRXOG QRW EH GULYLQJ ORQJ ZLUHV DV WKH FD
SDFLWLYH FRXSOLQJ DQG UHIOHFWLRQ ZLOO FRQWULEXWH QRLVH WR WKH
FRQYHUVLRQ :KHQ GULYLQJ GLVWDQW ORDGV EXIIHUV VKRXOG EH
XVHG



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com