Electronic Components Datasheet Search
  English  ▼

X  

AP431AA Datasheet(PDF) 15 Page - Anachip Corp

Part # AP431AA
Description  Adjustable Precision Shunt Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP431AA Datasheet(HTML) 15 Page - Anachip Corp

Back Button AP431AA Datasheet HTML 9Page - Anachip Corp AP431AA Datasheet HTML 10Page - Anachip Corp AP431AA Datasheet HTML 11Page - Anachip Corp AP431AA Datasheet HTML 12Page - Anachip Corp AP431AA Datasheet HTML 13Page - Anachip Corp AP431AA Datasheet HTML 14Page - Anachip Corp AP431AA Datasheet HTML 15Page - Anachip Corp AP431AA Datasheet HTML 16Page - Anachip Corp AP431AA Datasheet HTML 17Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Adjustable Precision Shunt Regulator
AP431/AP431A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
15/17
Taping Information
(1)TO92 TAPING
Po
M
Ho
T
F2 F1
Do
A
∆h
Millimeters
Inches
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Po
12.4
12.7
13.0
0.488
0.500
0.512
M
2.0
2.5
3.0
0.079
0.098
0.118
Ho
15.5
16.0
16.5
0.610
0.630
0.650
Do
-
4.0
-
-
0.157
-
A
-
6.0
-
-
0.236
-
Δ
h
0.0
-
1.0
0.000
-
0.039
T
-
18.0
-
-
0.709
-
F1
2.4
2.5
2.9
0.094
0.098
0.114
F2
2.4
2.5
2.9
0.094
0.098
0.114
30 ±1mm
90 ±1mm
76 ±1mm
360 ±2mm
45mm
53 ±2mm
E
330mm
40mm
205mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com